Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 37 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 33Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 34Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 35Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 36Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 37Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 38Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 39Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 40Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
TA = –40 °C to 125 °C, unless otherwise specified. V1_IN = VBUCK_IN (min) to 36 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
IBUCK_PFM
Output current capability in PFM mode (LPON mode only)
-
-
100
mA
RHS_BUCK
High-side MOSFET RDSON
(VBOS = 5 V, including bonding)
-
350
735
mΩ
RLS_BUCK
Low-side MOSFET RDSON
(VBOS = 5 V, including bonding)
-
350
735
mΩ
RBUCK_DIS
Discharge resistor (when HVBUCK is disabled – LPOFF)
-
60
100
Ω
TWARNV1
Temperature prewarning
125
145
160
°C
TSDV1
Thermal shutdown threshold
175
190
215
°C
TSDV1_HYST
Thermal shutdown threshold hysteresis
6
9
16
°C
IOC_AVG_PWM[1]
Average overcurrent threshold in PWM mode
BUCK_AVG_OC_PWM_OTP[2:0] = 000
BUCK_AVG_OC_PWM_OTP[2:0] = 001
BUCK_AVG_OC_PWM_OTP[2:0] = 010
BUCK_AVG_OC_PWM_OTP[2:0] = 011
BUCK_AVG_OC_PWM_OTP[2:0] = 100
BUCK_AVG_OC_PWM_OTP[2:0] = 101
BUCK_AVG_OC_PWM_OTP[2:0] = 110 (for 450 kHz only)
130
210
300
390
468
546
624
200
300
400
500
600
700
800
290
400
505
630
735
854
976
mA
IOC_PK_PWM[1]
Peak overcurrent threshold in PWM mode
BUCK_PK_OC_PWM_OTP[2:0] = 010
BUCK_PK_OC_PWM_OTP[2:0] = 011
BUCK_PK_OC_PWM_OTP[2:0] = 100
BUCK_PK_OC_PWM_OTP[2:0] = 101
BUCK_PK_OC_PWM_OTP[2:0] = 110
BUCK_PK_OC_PWM_OTP[2:0] = 111
292
357
422
540
624
702
425
525
625
725
825
925
639
781
910
1050
1190
1235
mA
IOC_PK_PFM
Peak overcurrent threshold in PFM mode
BUCK_PK_OC_PFM_OTP[2:0] = 101
BUCK_PK_OC_PFM_OTP[2:0] = 110
BUCK_PK_OC_PFM_OTP[2:0] = 111
546
624
702
700
800
900
854
976
1150
mA
IOC_LS
Low-side FET overcurrent threshold
0.3
0.8
1.18
A
Dynamic electrical characteristics
FSW_BUCK
Operating frequency in PWM mode:
HVBUCK @ 450kHz
HVBUCK @ 2.2MHz
405
2.025
450
2.250
495
2.475
kHz
MHz
DCmax_drop
Maximum duty cycle in Dropout mode
-
90.5
-
%
tV1OV_DGLT_STUP
Overvoltage deglitch time at startup
1
2
3
µs
tV1OV_DGLT
Overvoltage deglitch time
V1MON_OVDGLT_OTP[0] = 0
V1MON_OVDGLT_OTP[0] = 1
20
40
25
45
30
50
µs
tV1OC_DGLT
Overcurrent deglitch time
16
20
24
µs
tV1OCOV_DGLT
Low-side overcurrent deglitch time
380
-
920
ns
TTSD_V1_FILT
Thermal shutdown filtering time
6
10
20
µs
tBUCK_SS
Soft-start from 10 % to 90 %
BUCK_SS_OTP[1:0] = 00
BUCK _SS_OTP[1:0] = 01
BUCK _SS_OTP[1:0] = 10
BUCK _SS_OTP[1:0] = 11
200
431
873
1753
269
538
1077
2150
410
645
1281
2547
µs
VBUCK_LINE_REG_PWM
Transient line in PWM mode @ 450 kHz and 2.2 MHz
VSUP = 6 V - 18 V - 6 V and 14 V - 35 V - 14 V
IBUCK = 1 mA and 300 mA
VBUCK = 3.3V and 5.0 V
dv/dt = 100 mV/µs
-3
-
3
%
VBUCK_LINE_REG_DO
Transient line after dropout exit @ 450 kHz and 2.2 MHz
VSUP = VBUCK - 0.4 V to 14 V
IBUCK = 1 mA and 300 mA
VBUCK = 3.3V and 5.0 V
dv/dt = 200 mV/µs
-3
-
3
%
VBUCK_LOTR_PWM
Transient load response in PWM mode @ 450 kHz and 2.2 MHz
50 mA to 350 mA step
1 mA to 150 mA step
di/dt = 300 mA/µs
-3
-
3
%
VBUCK_LOTR_PWM_MAX
Transient load response in PWM mode @450 kHz
50 mA to 500 mA step
-4
-
4
%
Table 15. Electrical characteristics...continued
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
37 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com