Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 83 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 79Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 80Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 81Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 82Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 83Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 84Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 85Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 86Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
19.2.6 Watchdog electrical characteristics
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. All voltages
referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
Watchdog
WDPER_ACC
Watchdog period accuracy
-10
-
10
%
WDDUTY_CYCLE
Window watchdog duty cycle
47.5
50
52.5
%
Table 41. Watchdog electrical characteristics
19.3 FCCU monitoring
The FS23 provides an FCCU monitoring feature, which is a hardware monitoring mechanism of the MCU
failure. This feature is enabled by OTP using FCCU_EN_OTP bit. The FCCU input pins of the FS23 are in
charge of monitoring the error signals of the MCU fault collection and control unit.
The FS23 provides one dedicated FCCU1 pin. Another input among HVIO1, HVIO2, LVIO3, LVIO4, and LVI5
can be configured as FCCU2 pin, via FCCU2_ASSIGN[2:0] bits, in INIT phase.
The FCCU input pins can be configured by pair, or single independent inputs using FCCU_CFG[2:0] bits. The
FCCU monitoring is active as soon as the INIT phase is closed. It is deactivated when the device goes to LPON
or LPOFF modes.
FCCU_CFG[2:0]
FCCU pins configuration
000
No monitoring
001 (default)
FCCU1 and FCCU2 inputs monitoring activated by pair (bi-stable protocol)
010
FCCU1 or FCCU2 single input level monitoring activated
011
FCCU1 input level monitoring only, FCCU2 input not used
100
FCCU2 input level monitoring only, FCCU1 input not used
101
FCCU1 or FCCU2 single input PWM monitoring activated
110
FCCU1 input PWM monitoring only, FCCU2 input level monitoring
111
FCCU2 input PWM monitoring only, FCCU1 input level monitoring
Reset condition
POR
Table 42. FCCU monitoring configuration
19.3.1 FCCU12 monitoring by pair
When FCCU12 are used by pair, the bi-stable protocol is supported according to Figure 48:
aaa-051469
MCU operating phase
FCCU1
Reset
Normal
Configuration
Error
FCCU2
Figure 48. FCCU bi-stable protocol
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
83 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com