Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 28 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 24Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 25Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 26Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 27Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 28Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 29Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 30Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 31Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
aaa-052137
SPI/I2C
ON
OFF
PWR UP
DBG
VSUP
WAKEx
SPI/I2C
REGx
PWR UP
PWR DWN OFF
ON
> WAKExVIH
> VSUP_UV
VDBG
SPI/I2C
LP_req
Figure 15. Debug mode
The FS23 enters OTP mode in M3 state of the main state machine, when VDBG > VOTP_MODE. NXP
recommends applying VOTP_MODE with an external power supply at DBG pin before applying VSUP. In this case,
the diode protects VBOS pin. For OTP programming process, VDBG shall be equal to VOTP_MODE.
aaa-052138
SPI/I2C OTP emulate or pgm
OFF
DBG
VSUP
WAKEx
SPI/I2C
REGx
PWR UP
ON
PWR DWN
PWR UP
OFF
ON
SPI /I2C OTP emulate or pgm
> WAKExVIH
> VSUP_UV
VOTP
VOTP
SPI/I2C
LP_req
SPI/I2C
Figure 16. OTP mode time chart
aaa-051441
FS23
VOTP = 7.95 V
10 µF
100 kΩ
VBOS
DBG
Figure 17. Debug pin (DBG) circuitry
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
28 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com