Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 47 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 43Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 44Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 45Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 46Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 47Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 48Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 49Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 50Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
TA = −40 °C to 125 °C, unless otherwise specified. V3_IN = VSUP = 5.5 V to 40 V if V3 = 5 V, or V3_IN = VSUP = 4 V to 40 V if V3 = 3.3V,
unless otherwise specified. ILDO3 = 0 to 100 mA unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
ILDO3_LPON
DC current capability in LPON mode
-
-
100
mA
ILDO3_ILIM
Internal PMOS current limitation
CONF_OC_V3_OTP = 0
CONF_OC_V3_OTP = 1
150
75
-
-
300
160
mA
Quiescent current, no load (typ @25 °C, max @85 °C)
-
15
20
µA
IQLDO3
Quiescent current, ILDO3 = 50 µA (typ @25 °C, max @85
°C)
-
20
25
µA
TSDV3
Thermal shutdown threshold
175
190
215
°C
TSDV3_HYST
Thermal shutdown threshold hysteresis
6
9
16
°C
Dynamic electrical characteristics
TLDO3_SOFT_START
Soft start (from 10 % to 90 %)
150
300
500
µs
TLDO3_PDWN
Discharge time when disabled
-
-
2
ms
TLDO3_ILIM
Current limit filtering time
16
20
36
µs
TTSD_V3_FILT
Thermal shutdown filtering time
6
10
20
µs
VLDO3_LINE_REG_NORMAL
Transient Line Response in Normal mode
VSUP = 6 V - 18 V - 6 V and 14 V - 35 V - 14 V
ILDO3 = 0.1 mA and 70 mA
VLDO3 = 3.3 V and 5.0 V
dv/dt = 100 mV/µs, COUT_LDO3 = 2.2 μF
-3
-
3
%
VLDO3_LTR_NORMAL
Transient load regulation in Normal mode
ILDO3 = 10 mA to 50 mA in 10 us, and from 50 mA to 10
mA in 10 us,
VLDO3 = 5.0 V, COUT_LDO3 = 2.2 μF
-2
-
2
%
VLDO3_PSRR
DC PSRR
ILDO3 = 0.1 mA to 100 mA, VLDO3 = 3.3 V or 5.0 V, VDROP
= 500 mV (min), 20 Hz to 500 kHz
-
-40
-20
dB
External Components
CIN_LDO3
Input capacitor (close to V3_IN pin)
-
1.0
-
µF
COUT_LDO3
Effective output capacitor
2.2
-
4.7
µF
Table 19. HVLDO3 electrical characteristics...continued
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
47 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com