Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 65 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 61Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 62Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 63Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 64Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 65Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 66Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 67Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 68Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
18 Physical layers
18.1 CAN FD transceiver
The FS23 device includes a 5 Mbps capable, integrated CAN FD transceiver, developed in compliance with
the ISO 11898-2:2016 and SAE J2284 standards and SAE J2962-2 (2019) and IEC 62228-3 (2019) for EMC
performance. The CAN transceiver provides the physical interface between the CAN protocol controller of an
MCU and the physical CAN bus.
The CAN FD transceiver bus driver is supplied internally by the V3 regulator.
aaa-051456
wk
VDIG
VDDIO
TX
RX
VDIG
V3
CANH
RL/2
RL/2
System CAN bus
C2
C1
CCANH
CCANL
CANL
Optional
CANFD
VDIG_LP
WAKE
Figure 35. CAN FD transceiver internal diagram, with external components
18.1.1 CAN operating modes
The CAN transceiver has four modes: Off, Wake-capable, Listen-only, and Active. The Listen-only and Active
modes are only available when the device is in Normal mode. In Low-power modes, the transceiver can be kept
in Wake-capable mode in order to be used as a wake-up source for the device and the module.
By default, the CAN FD transceiver is disabled (set to Offline mode) when one of the safety outputs RSTB,
FS0B, or LIMP0 is asserted in Normal mode. This can be configured by SPI/I2C using CAN_FS_DIS bit.
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
65 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com