| Electronic Components Datasheet Search |
|
MFS2301BMBACEP Datasheet(PDF) 72 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFS2301BMBACEP Datasheet(HTML) 72 Page - NXP Semiconductors |
|
72 / 230 page ![]() NXP Semiconductors FS23 Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers aaa-051461 LIN_OFF LIN_WAKE_ CAPABLE LIN_LISTEN _ONLY LIN_ACTIVE LIN_EN_OTP = 1 & (VSHS_UV = 0 or LIN_VSHSUV_DIS = 0) & (LIN_MODE != 00 or LIN_WUEN != 00) LIN_MODE = 00 or FS23_MODE != NORMAL LIN_MODE = 00 or FS23_MODE != NORMAL (VSHS_UV = 0 or LIN_VSHSUV_DIS = 0) & LINTXD = 1 & LIN_MODE = 1x & FS23_MODE = NORMAL & LIN_TSD = 0 (LIN_MODE = 01 or (LINTXD = 0 & LIN_MODE = 1x)) & FS23_MODE = NORMAL (LIN_MODE = 01 & FS23_MODE = NORMAL) or LIN_TSD = 1 or LIN_TXD_TO = 1 or LIN_SC = 1 From any state: POR or LIN_EN_OTP = 0 or (VSHS_UV = 1 & LIN_VSHSUV_DIS = 1) or (LIN_MODE = 00 & LIN_WUEN = 00) or (LIN_WUEN = 00 & FS23_MODE != NORMAL) LINTXD = 1 & LIN_MODE = 1x & FS23_MODE = NORMAL Figure 40. LIN transceiver state machine 18.2.1.1 LIN Off mode When the LIN mode is set to 2b’00 and the LIN wake-up capability is disabled, or if the device is not in Normal mode (that is, in LPON or LPOFF modes) and the wake-up capability is disabled, the LIN transceiver is in Off mode. In this mode, the normal and low-power receivers and the transmitter of the LIN transceiver are disabled and the LINRXD pin is driven high. 18.2.1.2 LIN Wake-capable mode The LIN transceiver is in Wake-capable mode as soon as the LIN mode is different from 2b’00 or as soon as the wake-up capability of the LIN is enabled, regardless of the device state once powered up. In this mode, the LIN transmitter and the LIN normal receiver are disabled. Only the low-power wake-capable receiver is enabled to allow wake-up pattern detection and device wake-up. The LINRXD pin is driven high (to VDDIO). FS23 All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 7.0 — 16 October 2024 Document feedback 72 / 230 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |