Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 75 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 71Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 72Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 73Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 74Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 75Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 76Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 77Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 78Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
TA = −40 °C to 125 °C, unless otherwise specified. VSHS = VSHS_UV to 28V, unless otherwise specified. VDDIO = 3V to
5.5V, unless otherwise specified. All voltages referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
LIN Bus
VLIN_REC
LIN receiver Recessive state, Active mode
0.6 x
VSHS
-
-
V
VLIN_IN_DOM
LIN receiver Dominant state, Active mode
-
-
0.4 x
VSHS
V
VLIN_ CENTER
LIN receiver center voltage (VLIN_REC + VLIN_IN_DOM)/2,
Active mode
0.475
x VSHS
0.5 x
VSHS
5.25 x
VSHS
V
VLIN_ HYST
LIN receiver hysteresis voltage (VLIN_REC - VLIN_IN_DOM),
Active mode
-
-
0.175
x VSHS
V
VLIN_ DIODE
LIN voltage drop at serial diode in pullup path, with RLIN_SLAVE
and IDIODE = 0.9 mA
0.4
0.7
1.0
V
RLIN_SLAVE
LIN responder resistance
20
30
60
kΩ
ILIM_LIN_ACT_DOM
LIN current limitation Dominant state, Active mode
40
-
200
mA
IQLIN_IN_REC
LIN receiver recessive input leakage current
-
-
20
uA
IQLIN_IN_DOM
LIN receiver dominant input leakage current including pullup
resistor
-1
-
-
mA
ILIN_ACT_DOM
LIN current consumption, LIN Active mode, Dominant state,
Tj = 150 °C. Measured via VSHS pin
-
-
2.70
mA
ILIN_ACT_REC
LIN current consumption, LIN Active mode, Recessive state,
Tj = 150 °C. Measured via VSHS pin
-
-
1.35
mA
ILIN_NO_GND
LIN current consumption, control unit disconnected from
ground (GNDDevice = VSHS), VBAT = 12 V, VLIN = 0 V to 18 V
-1
-
1
uA
ILIN_NO_BAT
LIN current consumption, VBAT disconnected (VSHS = GND),
VLIN = 0 V to 18 V
-
-
30
uA
ILIN_WU
LIN current consumption, wake capability, Tj = 85 °C,
VBOS = 5 V. Measured via VSHS pin
-
-
3
uA
CLIN
LIN pin capacitance
-
-
2
pF
Dynamic characteristics
TLIN_EN
Setup time needed when going to Active mode of the
transceiver before sending data.
30
40
50
µs
DLIN1
Duty cycle 1,
THRec(max) = 0.744 x VSHS, THDom(max) = 0.581 x VSHS,
VSHS = 7.0 V to 18 V, TLIN_BIT = 50 µs, D1 = TBus_rec(min)/(2 x
TLIN_BIT)
39.6
-
-
%
DLIN2
Duty cycle 2,
THRec(min) = 0.422 x VSHS, THDom(min) = 0.284 x VSHS, VSHS =
7.6 V to 18 V, TLIN_BIT = 50 µs, D2 = TBus_rec(max)/(2 x TLIN_BIT)
-
-
58.1
%
DLIN3
Duty cycle 3,
THRec(max) = 0.778 x VSHS, THDom(max) = 0.616 x VSHS,
VSHS = 7.0 V to 18 V, TLIN_BIT = 96 µs, D3 = TBus_rec(min)/(2 x
TLIN_BIT)
41.7
-
-
%
Table 33. LIN transceiver characteristics...continued
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
75 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com