Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 68 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 64Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 65Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 66Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 67Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 68Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 69Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 70Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 71Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
aaa-051459
TXD
RXD
VO(dif)
5 x tbit(TXD)
td(TXDL-RXDL)
td(TXDL-RXDH)
tbit(TXD)
tbit(RXD)
tbit(bus)
30 %
30 %
0.9 V
0.5 V
70 %
30 %
70 %
Figure 38. CAN timing definition according to ISO 11898-2:2016
18.1.2 Electrical characteristics
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. V3 = V3UV to 5 V,
unless otherwise specified. VDDIO = 3 V to 5.5V, unless otherwise specified. All voltages referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
CANTXD
Static characteristics
VCANTXD_ IH
CANTXD input threshold high
0.7 x
VDDIO
-
-
V
VCANTXD_ IL
CANTXD input threshold low
-
-
0.3 x
VDDIO
V
RCANTXD_ PU
CANTXD pullup resistance
100
200
400
kΩ
CANRXD
VCANRXD_OH
CANRXD output high level relative to VDDIO, IOUT = -2 mA
0.8 x
VDDIO
-
-
V
VCANRXD_OL
CANRXD output low level relative to VDDIO, IOUT = 2 mA
-
-
0.2 x
VDDIO
V
CAN Bus
VCAN_DIFF_MAX
CAN maximum rating for VDIFF
-5
-
10
V
VCANH_OUT_DOM
CAN dominant output voltage on pin CANH, Active mode
RL = 50 Ω to 65 Ω
2.75
3.50
4.50
V
VCANL_OUT_DOM
CAN dominant output voltage on pin CANL, Active mode
RL = 50 Ω to 65 Ω
0.50
1.50
2.25
V
Table 32. CAN FD transceiver characteristics
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
68 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com