Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 97 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 93Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 94Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 95Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 96Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 97Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 98Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 99Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 100Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
When configured as PWM, LIMP1 is static when no fault is reported and toggles at 1.25 Hz with a 50 % duty
cycle when asserted.
When configured as PWM, LIMP2 is static when no fault is reported and toggles at 100 Hz when asserted. Its
duty cycle is configurable between 2.5 %/5 %/10 %/20 % using LIMP2_DC_CFG[1:0] bit.
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. All voltages
referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
Dynamic electrical characteristics
LIMP1PWM_FREQ
LIMP1 PWM frequency
1.13
1.25
1.38
Hz
LIMP1PWM_DLY
LIMP1 PWM assertion delay
-
-
500
µs
LIMP2PWM_FREQ
LIMP2 PWM frequency
80
100
120
Hz
LIMP2PWM_DLY
LIMP2 PWM assertion delay
-
-
500
µs
Table 59. LIMP1, LIMP2 electrical characteristics
19.7 Analog built-in self-test (ABIST)
The FS23 provides an analog built-in self-test (ABIST) to verify the correct functionality of the voltage monitoring
functions. The ABIST is executed on demand, after a SPI/I2C request from the MCU. ABIST can only be
launched from Normal mode. A status bit ABIST_READY is provided to notify that ABIST is available and ready
to be launched.
ABIST can be launched for all the voltage-monitoring channels at the same time (via LAUNCH_ABIST bit), or
individually (via ABIST_VxMON or ABIST_V1UVLP individual bits). An individual diagnostic bit is available for
each channel once the ABIST is done (ABIST_DONE = 1). The diagnostics flags have no impact on the safety
pins.
The diagnostic flags must be cleared before launching the next ABIST, using the CLEAR_ABIST bit.
If one of the concerned monitored voltages is out of range (OV or UV), the ABIST on-demand command is
ignored. While the ABIST is running, the other monitoring functions are kept available.
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. All voltages
referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
ABIST
TABIST
ABIST duration for one monitoring channel
-
-
70
us
Table 60. ABIST electrical characteristics
19.8 Periodic CRC check
The FS23 provides an 8-bit periodic CRC check to verify the integrity of the INIT registers (FS_I_xxxx)
containing the safety configuration information (configurable in INIT mode only). This mechanism allows the
detection of a misconfiguration from the MCU or a bit flip in the INIT registers.
The 8-bit CRC is computed on the result of the concatenation of the following 58 register bits:
• FS_I_OVUV_CFG1[12:7], FS_I_OVUV_CFG1[5:0]
• FS_I_OVUV_CFG2[12:7], FS_I_OVUV_CFG2[5:0]
• FS_I_FCCU_CFG[14:0]
• FS_I_FSSM_CFG[14:4]
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
97 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com