Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 92 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 88Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 89Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 90Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 91Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 92Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 93Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 94Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 95Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
19.5.3 Fail-Safe mode
FS23 enters in Fail-Safe (FS) mode when:
• The fault error counter reaches its maximum value (not configurable)
• VBOS UV is detected
• RSTB is asserted low for 8 s (if enabled by OTP)
• VxOV is detected (if configured by OTP)
• VxTSD is detected (if configured by OTP)
• Negative overcurrent (V1_OC_LS) is detected in HVBUCK version (if enabled by OTP)
• OC timeout is detected in HVLDO1 version used with external PNP
• V1UVLP is detected in LPON mode or during transition from LPON mode to Normal mode
• When the first fault is detected (if configured by OTP)
In Fail-Safe mode, all the regulators are turned off, the high-power analog circuitry in enabled, the 20 MHz
oscillator is enabled, the OV/UV monitoring is turned on, and the FS_EVT bit is set to 1.
The fault error counter is reset to 1.
The device exits the Fail-Safe state after TFS_DUR time. If FS_LPOFF_OTP bit is set to 1 or if
KEY_OFFON_EN_OTP bit is set to 1, the device exits FS state and goes to LPOFF. Otherwise, the device goes
back automatically to the power-up sequence.
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. All voltages
referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
Fail-Safe
TFS_DUR
Fail-Safe state duration
• FS_DUR_CFG_OTP = 0
• FS_DUR_CFG_OTP = 1
90
3.6
100
4.0
110
4.4
ms
s
Table 54. Fail-Safe state electrical characteristics
19.6 RSTB, FS0B, LIMP0/1/2
Three safety output pins, RSTB, FS0B, and LIMP0, are implemented in order to guarantee the safe state of the
system. All those safety outputs are active low.
RSTB and FS0B are activated during power up and can only be released when the device is in Normal mode.
LIMP0, on the contrary, will be released at startup and will only be asserted when a fault occurs.
The three pins are managed independently in parallel of the main state machine.
19.6.1 RSTB
RSTB is an open-drain output that can be connected in the application to the reset of the MCU. RSTB requires
an external pullup resistor to VDDIO and a filtering capacitor to GND for immunity. An internal pulldown
RSTBRPD ensures RSTB low level in LPOFF mode and in Power-Up/Down mode. Redundant supplies of the
RSTB driver ensures the pin will be driven low when VSUP is lost. When RSTB is stuck low for more than
RSTBT8S, the device transitions in Fail-Safe mode. RSTB assertion depends on the device configuration during
INIT phase. The configurations can be pre-selected by OTP. RSTB can also be asserted at MCU request by
SPI/I2C, to check the correct hardware connection.
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
92 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com