Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 40 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 36Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 37Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 38Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 39Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 40Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 41Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 42Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 43Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
Configurations
Main parameter
3.3 V, 450 kHz
5 V, 450 kHz
3.3 V, 2.2 MHz
5 V, 2.2 MHz
BUCK_PK_OC_PWM_OTP
111
111
110
110
700 mA
700 mA
700 mA
700 mA
PFM peak current limit
BUCK_PK_OC_PFM_OTP
101
101
101
101
1221 ns
1772.5 ns
305 ns
386 ns
PFM ON time
BUCK_PFM_TON_OTP
10
11
11
11
1725 ns
1170 ns
250 ns
250 ns
PFM OFF time
BUCK_PFM_TOFF_OTP
10
01
01
01
No
Yes
No
Yes
VBOS connected to V1 in Normal mode
VBOS2V1_SW_ALWAYS_EN_OTP
0
1
0
1
Yes
No effect
Yes
No effect
VBOS connected to V1 in LPON mode
VBOS2V1_SW_LP_EN_OTP
1
0
1
0
Table 16. Hardware and OTP configurations...continued
Figure 221and Figure 232 show the HVBUCK efficiency measures in PWM mode and in PFM mode,
respectively.
aaa-054678
Output current (A)
0
0.4
0.3
0.2
0.1
60
80
100
Efficiency
(%)
40
Vout = 3.3 V (450 kHz)
Vout = 5 V (450 kHz)
Vout = 3.3 V (2.2 MHz)
Vout = 5 V (2.2 MHz)
Figure 22. HVBUCK efficiency in force PWM mode
1
Efficiency in force PWM mode, Ta = 25 °C, Vin = 14 V
2
Efficiency in PFM mode, Ta = 25 °C, Vin 14 V
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
40 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com