Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 39 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 35Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 36Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 37Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 38Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 39Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 40Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 41Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 42Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
TA = –40 °C to 125 °C, unless otherwise specified. V1_IN = VBUCK_IN (min) to 36 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
F20MHz_ACC
HVBUCK oscillator accuracy
-10
-
10
%
Spread spectrum
FSSMOD
Spread spectrum frequency modulation
-
19
-
FSSRANGE
Spread spectrum Range
-
-10
0
Table 15. Electrical characteristics...continued
[1]
Average and peak current limits is set dependently, taking into account the inductor value.
[2]
For all regulators, the effective capacitor value is the capacitor value after Tolerance, DC bias and Aging removal.
13.1.5 HVBUCK efficiency
The HVBUCK efficiency was measured at 450 kHz and 2.2 MHz in PWM and PFM modes using the exact
hardware and OTP configurations listed in Table 16.
Configurations
Main parameter
3.3 V, 450 kHz
5 V, 450 kHz
3.3 V, 2.2 MHz
5 V, 2.2 MHz
External components
Input capacitor (nominal)
10 µF
10 µF
10 µF
10 µF
Input capacitor (effective)
7.3 µF
7.3 µF
7.3 µF
7.3 µF
Input capacitor ESR
3.8 mΩ
3.8 mΩ
3.8 mΩ
3.8 mΩ
Inductor
22 µH
CLF5030NIT-220M-D
22 µH
CLF5030NIT-220M-D
4.7 µH
TFM252012ALMA4R7MTAA
4.7 µH
TFM252012ALMA4R7MTAA
Inductor DCR
240 mΩ
240 mΩ
200 mΩ
200 mΩ
Output capacitor (nominal)
50 µF
40 µF
10 µF
20 µF
Output capacitor (effective)
45.5 µF
31.8 µF
9.1 µF
15.9 µF
Output capacitor ESR
0.46 mΩ
0.58 mΩ
3.1 mΩ
1.6 mΩ
Bootstrap capacitor
33 nF
33 nF
33 nF
33 nF
OTP configuration
3.3 V
5 V
3.3 V
5 V
Output voltage Normal mode
VV1_BUCK_OTP
0110010
1010100
0110010
1010100
3.3 V
5 V
3.3 V
5 V
Output voltage LPON mode
VV1_LP_BUCK_OTP
0110010
1010100
0110010
1010100
450 kHz
450 kHz
2.2 MHz
2.2 MHz
Switching frequency
BUCK_CLK_OTP
0
0
1
1
975 kΩ
975 kΩ
975 kΩ
975 kΩ
Compensation resistor
BUCK_RCOMP_OTP
010
010
010
010
23 pF
23 pF
33.5 pF
33.5 pF
Compensation capacitor
BUCK_CCOMP_OTP
01
01
10
10
426 mV/µs
361 mV/µs
3280 mV/µs
2870 mV/µs
Slope compensation (at 12V)
BUCK_SC_OTP
100101
101001
010111
011100
6.3 ns
6.3 ns
6.3 ns
6.3 ns
High side MOS turn ON slew rate
BUCK_SRHSON_OTP
100
100
100
100
10 ns
10 ns
5 ns
5 ns
High side MOS turn OFF slew rate
BUCK_SRHSOFF_OTP
10
10
11
11
700 mA
700 mA
600 mA
600 mA
PWM average current limit
BUCK_AVG_OC_PWM_OTP
101
101
100
100
PWM peak current limit
925 mA
925 mA
825 mA
825 mA
Table 16. Hardware and OTP configurations
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
39 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com