Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 27 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 23Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 24Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 25Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 26Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 27Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 28Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 29Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 30Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
aaa-051440
VBAT
Vsup > Vsup_UV
Power-up sequence
NORMAL mode
Tslot
VBOS
VDIG
Slot 0
(V1)
Slot 1
Slot 2
RSTB
Tslot
Trstb_dur
256 ms for INIT phase
Tslot
Figure 14. Power-up sequence example
12.7 Debug and OTP modes
OTP mode and Debug mode are intended for use during the development process, not in production
applications or vehicles. OTP mode is intended for OTP emulation and OTP programming.
OTP emulation and programming performed by the customer is allowed during engineering development using
NXP’s latest graphical user interface and socketed evaluation board. Customer is not allowed to perform OTP
programming for production purposes. Only NXP or a recommended third party are allowed to program the
device for production purposes.
The FS23 enters Debug mode in M3 state of the main state machine when VDBG (DBG pin voltage) >
VDBG_MODE. NXP recommend's connecting the DBG pin to the VBOS pin through a diode (VDBG = VBOS – Vd ≈
4.1 V). The Debug mode disables the watchdog (period configured as infinite), the RSTB 8 s timer, the Fail-Safe
mode entry via the fault error counter, and locks FS0B low. In Debug mode, CAN and LIN transceivers are set
in Active mode by default. The Debug mode status is reported by the DBG_MODE bit in M_SYS1_CFG. To exit
Debug mode, write 1 in the DBG_EXIT bit in the M_SYS1_CFG register.
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
27 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com