Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 86 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 82Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 83Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 84Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 85Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 86Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 87Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 88Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 89Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
19.4.2 VxMON monitoring (x from 1 to 3)
V1 and V3 regulators are monitored via the corresponding V1 and V3 pins, which also serve as feedback pins.
V2 is monitored via its dedicated V2_FB feedback pin. The expected voltage for each regulators, 3.3 V or 5 V, is
configured by OTP (VxMON_OTP), separately from the output voltage and must be configured the same.
Each voltage monitoring channel is connected to a pulldown resistor to detect an undervoltage in case of
disconnection.
The VxMON threshold have ±1.5 % UV/OV accuracy (trimmed at 5 V setting, 5.0 % VxMON threshold).
19.4.3 VxMON UV/OV threshold
The OV and UV thresholds are configured independently for each VxMON (x from 0 to 3) by OTP at
VxMON_UVTH_OTP[3:0] and VxMON_OVTH_OTP[3:0]. UV thresholds are configurable from 96.5 % to 91.5
% and OV thresholds are configurable from 102.5 % to 110 %. When a regulator is configured at 5 V, five
additional UV thresholds are available at 61 %, 62 %, 62.5 %, 63 %, and 64 %.
VxMON_UVTH_OTP[3:0]
VxMON_OVTH_OTP[3:0]
VxMON undervoltage
threshold configuration
VxMON overvoltage
threshold configuration
0000
64 % (for 5 V only)
102.5 %
0001
63 % (for 5 V only)
103.0 %
0010
96.5 %
103.5 %
0011
96.0 %
104.0 %
0100
95.5 %
104.5 %
0101
95.0 %
105.0 %
0110
94.5 %
105.5 %
0111
94.0 %
106.0 %
1000
93.5 %
106.5 %
1001
93.0 %
107.0 %
1010
92.5 %
107.5 %
1011
92.0 %
108.0 %
1100
91.5 %
108.5 %
1101
62.5 % (for 5 V only)
109.0 %
1110
62 % (for 5 V only)
109.5 %
1111
61 % (for 5 V only)
110.0 %
Table 48. VxMON UV/OV threshold configuration
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
86 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com