Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 77 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 73Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 74Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 75Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 76Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 77Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 78Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 79Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 80Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
19 Safety
19.1 Functional description
The FS23 includes multiple safety mechanisms to guarantee the functional safety of the system, and reach up
to ASIL B level. Safety features are configurable, either by OTP or by SPI/I2C, allowing scalability depending on
the application needs. The FS23 also provides an on-demand ABIST to cover latent faults.
aaa-051464
Reset
driver
LIMP0
driver
OTP
ABIST
Watchdog
V0MON
V1MON
V3MON
Safety features
RSTB
VMON_EXT
FCCU1
LIMP0
Digital
state machine
Voltage
supervision
MCU failure
monitoring
(FCCU)
V2MON
FCCU2
Fail-safe
output driver
FS0B
Figure 43. Fail-safe features block diagram
19.2 Watchdog
The FS23 provides a watchdog monitoring, as a software monitoring of the MCU. The watchdog functionality
can be disabled by OTP using WD_INF_OTP bit. When WD_INF_OTP bit is equal to 1, the watchdog period is
always considered as infinite. There is no need to refresh the watchdog, except to release the safety pins.
In LPON mode, the watchdog stays enabled or is disabled depending on WD_DIS_LPON bit (configurable
during INIT phase). When enabled in LPON, the watchdog operates in Timeout mode.
The watchdog uses two keys, 0x5AB2 (default value after POR) and 0xD564, to validate the answer. The key is
stored in the WD_TOKEN register, and is changed alternatively after each good WD refresh.
The MCU reads the WD_TOKEN register and writes the correct answer (WD_TOKEN register value) through
the SPI/I2C in WD_ANSWER register, in the right timing. The WD error counter is incremented when the answer
is wrong or not given at the right moment, or not given at all at the end of the watchdog period.
The first good watchdog refresh closes the INIT phase if LOCK_INIT = 0. The first good watchdog refresh is
sent by the MCU in less than 256 ms (default period duration). Then the watchdog window is running and the
MCU must refresh the watchdog every period.
The duration of the watchdog period is configurable from 1 ms to 1024 ms during operation using
WDW_PERIOD[3:0] bits. The new watchdog window is effective after the next good watchdog refresh. The
watchdog window can be disabled (during INIT phase only) by setting the WDW_PERIOD[3:0] to 4b’0000. The
watchdog disable is effective when the INIT phase is closed.
When a reset event is detected (an external event or one generated by the FS23 device), the watchdog is reset
and the watchdog period is set to the default value. The period should be configured again when the MCU
recovers from the reset.
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
77 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com