Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 91 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 87Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 88Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 89Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 90Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 91Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 92Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 93Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 94Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
In Orange, the reaction is not configurable. In Green, the reaction is configurable by OTP and SPI / I²C for RSTB and by
SPI / I²C for FS0B/LIMP0 in INIT mode.
Mode
Fault source
FLT_ERR
_CNT
RSTB assertion
FS0B assertion
LIMP0 assertion
VxTSD and CONF_
TSD_Vx_OTP
= Max
Yes
Yes
Yes
VxMON OV
+1
VxMON_OV_
RSTB_ IMPACT
VxMON_OV_
FS0B_ IMPACT
VxMON_OV_
LIMP0_ IMPACT
VxMON UV
+1
VxMON_UV_
RSTB_ IMPACT
VxMON_UV_
FS0B_ IMPACT
VxMON_UV_
LIMP0_ IMPACT
FLT_ERR_CNT
= MID VALUE
No change
FLT_MID_
RSTB_ IMPACT
FLT_MID_FS0
B_ IMPACT
FLT_MID_
LIMP0_ IMPACT
WD_ERR_CNT =
WD_ERR_LIMIT
+1
WD_RSTB_IMPACT
WD_FS0B_IMPACT
WD_LIMP0_IMPACT
FCCU1 single
+1
FCCU1_
RSTB_IMPACT
FCCU1_FS0
B_IMPACT
FCCU1_LIMP0_IMPACT
FCCU2 single
+1
FCCU2_
RSTB_IMPACT
FCCU2_FS0
B_IMPACT
FCCU2_LIMP0_IMPACT
FCCU12 pair
+1
FCCU1_
RSTB_IMPACT
FCCU1_FS0
B_IMPACT
FCCU1_LIMP0_IMPACT
External reset (out
of extended RSTB)
+1
No
EXTRSTB_FS0
B_ IMPACT
No
RSTB short to high
No change
No
Yes
Yes
RSTB short 8 s
= Max
Yes
Yes
Yes
FS0B short to high
No change
FS0B_SC_RSTB_
IMPACT
No
No
LIMP0 short to high
No change
LIMP0_SC_RSTB_
IMPACT
No
No
INIT_CRC_NOK
+1
No
INIT_CRC_FS0
B_ IMPACT
INIT_CRC_
LIMP0_ IMPACT
WD_NOK_
RECOVERY
+1
Yes
No
No
Slot 0 to
Normal
state
1MHz_STUCK_AT
No change
Yes
Yes
Yes
V1UVLP
No change
Yes
Yes by default
Yes
WD_ERR_CNT =
WD_ERR_LIMIT
No change
WD_RSTB_IMPACT
Yes by default
WD_LIMP0_IMPACT
LPON
state
No fault
= 1
No
Yes by default
No
LPOFF
state
No fault
= 1
Yes by default
Yes by default
No
Fail-
Safe
state
State machine
in fail-safe
= 1
Yes by default
Yes by default
Yes by default
Table 53. Application related fail-safe fault list and reaction
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
91 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com