Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 95 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 91Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 92Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 93Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 94Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 95Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 96Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 97Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 98Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
19.6.3 FS0B release
When the fail-safe output FS0B is asserted low by the device because of a fault, or after a power up, some
conditions must be validated before allowing the FS0B pin to be released by the device. These conditions are:
• No fault affecting FS0B reported
• Fault error counter = 0
• Device in Normal mode
• Device not in Debug mode and not in INIT mode
• FS_FS0B_LIMP0_REL register filled with the correct value, depending on current WD_TOKEN[15:0] value as
Table 57:
FS_FS0B_
LIMP0_REL[15:0]
B15
B14
B13
B12 B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Release FS0B
0
1
1
NOT(WD_TOKEN[
0:12])
Release LIMP0
1
1
0
NOT(WD_TOKEN[
3:15])
Release both
FS0B and LIMP0
1
0
1
NOT(WD_TOKEN[
0:6])
NOT(WD_TOKEN[
10:15])
Table 57. FS0B and/or LIMP0 release commands
19.6.4 LIMP0
LIMP0 is an open-drain output that can be used to transition the system in safe state. It is released high by
default. It is asserted low in case of fault and depending on the fault impact configuration. In Low-Power modes
(LPON and LPOFF), LIMP0 works like in Normal mode.
LIMP0 requires an external pullup resistor to VSUP or VDDIO, a 10 nF filtering capacitor to GND for immunity
when LIMP0 is a local pin, and an additional RC network, when LIMP0 is a global pin, to be robust against ESD
GUN and ISO 7637 transient pulses. A weak internal pulldown RPD ensures LIMP0 low level in case of pin lift.
An internal pulldown RPD_STUP ensures LIMP0 is released at startup.
LIMP0 assertion depends on the device configuration during INIT phase. LIMP0 can also be asserted at MCU
request by SPI/I2C, to check the correct HW connection.
aaa-051425
VBOS
LOGIC
LIMP0
To fail-safe
circuitry
VSUP
10 nF
22 nF
10 kΩ
5.1 kΩ
RPD
RPD_STUP
Figure 53. LIMP0 pin implementation
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. All voltages
referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
Static electrical characteristics
Table 58. LIMP0 electrical characteristics
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
95 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com