Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 70 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 66Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 67Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 68Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 69Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 70Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 71Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 72Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 73Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. V3 = V3UV to 5 V,
unless otherwise specified. VDDIO = 3 V to 5.5V, unless otherwise specified. All voltages referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
ICANH_OUT_SC
CANH short circuit output current, Active mode, Dominant
state,
V3 = 5 V, VCANH = -15 V to 40 V
-115
-
-
mA
ICANL_OUT_SC
CANL short circuit output current, Active mode, Dominant
state,
V3 = 5 V, VCANL = -15 V to 40 V
-
-
115
mA
ICAN_OUT_REC
CAN recessive output current, Recessive state,
VCANH = VCANL = -27 V to 32 V
-3
-
3
mA
ICAN_ACT_DOM
CAN current consumption, Active mode, Dominant state,
Tj = 150 °C, V3 = 5 V
23
39
60
mA
ICAN_ACT_REC
CAN current consumption, Active mode, Recessive state,
Tj = 150 °C, V3 = 5 V
1
4
7
mA
ICAN_WU
CAN current consumption, wake-up capability,
Tj = 85 °C, VBOS = 5 V
1.5
3
7
µA
IQCANH
CAN input leakage current, VCANH = 5 V, all supply inputs
connected to GND
-10
-
10
µA
IQCANL
CAN input leakage current, VCANL = 5 V, all supply inputs
connected to GND
-10
-
10
µA
Dynamic characteristics
TCAN_EN
Setup time needed when going to Active mode of the
transceiver before sending data.
15
17
19
µs
TCAN_DOM_TO
CAN CANTXD dominant timeout time
0.8
-
9.0
ms
TCAN_LOOP
CAN loop delay time from CANTXD to CANRXD,
CCANRXD = 15 pF, RL = 45 Ω to 70 Ω, CCAN = 100 pF,
FCANTXD < 2.5 MHz
-
-
255
ns
TCAN_TX2BUS_DOM
CAN delay time from CANTXD to bus dominant
-
-
127.5
ns
TCAN_TX2BUS_REC
CAN delay time from CANTXD to bus recessive
-
-
127.5
ns
TCAN_BUS2RX_DOM
CAN delay time from bus dominant to CANRXD
-
-
127.5
ns
TCAN_BUS2RX_REC
CAN delay time from bus recessive to CANRXD
-
-
127.5
ns
TCAN_BIT_RX_2M
CAN received recessive bit width @ 2 Mbps, RL = 60 Ω,
CCANRXD = 15 pF, C1 = 0 nF , C2 = 100 pF
400
500
550
ns
TCAN_BIT_RX_5M
CAN received recessive bit width @ 5 Mbps, RL = 60 Ω,
CCANRXD = 15 pF, C1 = 0 nF , C2 = 100 pF
120
200
220
ns
TCAN_BIT_BUS_2M
CAN transmitted recessive bit width @ 2 Mbps, RL = 60 Ω,
CCANRXD = 15 pF, C1 = 0 nF , C2 = 100 pF
435
500
530
ns
TCAN_BIT_BUS_5M
CAN transmitted recessive bit width @ 5 Mbps, RL = 60 Ω,
CCANRXD = 15 pF, C1 = 0 nF , C2 = 100 pF
155
200
210
ns
∆TCAN_BIT_RXBUS_2M CAN receiver timing symmetry @ 2 Mbps, RL = 60 Ω,
CCANRXD = 15 pF, C1 = 0 nF , C2 = 100 pF
-65
-
40
ns
∆TCAN_BIT_RXBUS_5M CAN receiver timing symmetry @ 5 Mbps, RL = 60 Ω,
CCANRXD = 15 pF, C1 = 0 nF , C2 = 100 pF
-45
-
15
ns
Table 32. CAN FD transceiver characteristics...continued
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
70 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com