Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 46 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 42Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 43Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 44Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 45Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 46Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 47Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 48Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 49Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
13.4 HVLDO3: High-voltage linear regulator 3
13.4.1 Functional description
General operation
The HVLDO3 is a high-voltage linear-voltage regulator. The HVLDO3 is commonly supplied from the battery.
The output voltage is configurable by OTP at 3.3 V or 5.0 V.
The HVLDO3 is low-power capable and can stay enabled in LPON mode. However, if disabled in LPON mode,
it cannot be enabled again by SPI/I2C in this mode.
This regulator is meant to supply the integrated CAN transceiver. The connection is made internally. The
HVLDO3 can also supply an additional external transceiver on the module.
Current limitation and thermal shutdown
An overcurrent detection and a thermal shutdown are implemented on the HVLDO3 to protect the internal
pass device. The overcurrent threshold is configurable by OTP (CONF_OC_V3_OTP). When an overcurrent is
detected, V3OC_I flag is generated and the regulator remains enabled. It is the MCU's responsibility to disable
the regulator by SPI/I2C using V3DIS bit, and to decide when to enable it using V3EN bit. When a thermal
shutdown is detected, the regulator is disabled and V3TSD_I flag is generated.
13.4.2 Application schematic
aaa-051448
CIN_LDO3
COUT_LDO3
VLDO3
V3_IN
V3 - HVLDO3
Figure 26. HVLDO3 application schematic.
13.4.3 Electrical characteristics
TA = −40 °C to 125 °C, unless otherwise specified. V3_IN = VSUP = 5.5 V to 40 V if V3 = 5 V, or V3_IN = VSUP = 4 V to 40 V if V3 = 3.3V,
unless otherwise specified. ILDO3 = 0 to 100 mA unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
Static electrical characteristics
VLDO3_IN
Input voltage range
4
-
40
V
VLDO3
Output voltage (OTP configurable)
VV3_OTP = 0
VV3_OTP = 1
3.234
4.9
3.3
5.0
3.366
5.1
V
VLDO3_ACC
Output voltage accuracy
-2
-
2
%
VLDO3_DROP
Maximum output voltage Drop-in/Drop-out mode
(VLDO3 = 5 V, VLDO3_IN = 4.5 V, ILDO3 = 100 mA)
-
-
500
mV
ILDO3_NORMAL
DC current capability in Normal mode
-
-
ILDO3_ILIM mA
Table 19. HVLDO3 electrical characteristics
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
46 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com