Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 64 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 60Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 61Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 62Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 63Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 64Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 65Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 66Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 67Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
17.3 Electrical characteristics
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = 5.5 V to 18.0 V, unless otherwise specified. All voltages
referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
Electrical characteristics
FIN_CLK_LDT
Long duration timer source clock (1 MHz/64)
-
15.625
-
kHz
TBASE_LDT
Long duration timer time base
LDT_MODE = 0 (long)
LDT_MODE = 1 (short)
0.909
116.4
1
128
1.11
142.1
s
µs
IQ_LDT_85
Long duration timer quiescent current consumption (Tj = 85 °C)
-
2
5
µA
IQ_LDT_125
Long duration timer quiescent current consumption (Ta = 125 °C)
-
5
10
µA
LDTACC1
Long duration timer accuracy without calibration
-10
-
10
%
LDTACC2
Long duration timer accuracy with calibration
In LPOFF or LPON states
Including one month aging drift (max)
Including temperature drift
0 °C < ∆Tj < 85 °C
-5
-
5
%
LDTDRIFT
Long duration timer maximum drift per hour after calibration
In LPOFF or LPON states
Within 20 °C temperature variation.
-1
-
1
%
Table 31. Long duration timer characteristics
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
64 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com