Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 5 Page - NXP Semiconductors

  MFS2301BMBACEP Datasheet HTML 1Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 2Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 3Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 4Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 5Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 6Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 7Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 8Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
4 Ordering information
This section describes the part numbers available to be purchased, along with their main differences. It also
describes how the part number reference is built.
4.1 Part numbers definition
Two FS23 part numbering types can be found: a full part number reference and a simplified part number.
Figure 3 and Figure 4 describe how the FS23 part numbers are built.
aaa-051429
M
FS
23 X Y
B
zz
EP
Release type
M
Production
P
Pre-release
FS
Family
Core
High voltage
power management
S
Customer
special
2300 to
2325
Initial
release
Second
release
Further
release
A
M
B
C-Z
Family
Release version
M
Release type
A0
Not
programmed
A1-
zz
EP
QFN48EP
Package
FS23
Product numbering scheme
-40 °C to
125 °C
M
Z
ASIL level
OTP version
QM level
B
ASIL
B level
Other
versions
Figure 3. Full FS23 part numbers breakdown
No
No
4
5
aaa-051430
ASIL level
QM level (timeout WD, OV/UV, VMON)
Fit for ASIL B (window WD, OV/UV, ABIST, VMON, FCCU)
CAN
Yes
Yes
Yes
Yes
LIN
No
Yes
No
Yes
LDT
No
No
LIN
LIN and LDT
Use case
CAN
CAN, LIN
Z
MFS
A0EP
23 X BM Z
Y
M
B
Power management solution
3 x HVLDOs
1 HVBUCK, 2 HVLDOs
X
0
2
Y
0
1
Yes
Yes
No
Yes
Yes
Yes
CAN, LDT
CAN, LIN, LDT
2
3
Figure 4. Simplified FS23 part numbers breakdown
Figure 5 maps FS23 part numbers versus the selectable product features.
FS2302M
FS2303M
CAN + LDT
CAN + LIN + LDT
QM
ASIL B
FS2300M
FS2301M
FS2302B
FS2303B
HVLDO
HVBUCK
FS2300B
FS2301B
FS2322M
FS2323M
QM
FS2320M
FS2321M
FS2322B
FS2323B
ASIL B
FS2320B
FS2321B
ASIL level
V1 regulator
CAN
CAN + LIN
FS2304M
FS2305M
FS2304B
FS2305B
FS2324M
FS2325M
FS2324B
FS2325B
LIN
LIN + LDT
aaa-051431
Figure 5. Part numbers mapping versus base feature sets
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
5 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com