Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 8Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 9Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 10Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 11Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 12Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 13Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 14Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 15Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
7.2 Pin description
Pin
Pin name
Type
Description
1
HVIO1
Digital input/output
High-voltage I/O 1, with wake-up capability
2
HS2
Analog output
High-side driver 2
3
HS1
Analog output
High-side driver 1
4
V3_IN
Analog input
V3 regulator input voltage
5
FS0B
Digital output
Fail-safe output 0 - Active low (low by default)
6
V3
Analog output
V3 regulator output voltage
7
CANH
Analog input/output
CAN bus - CAN high
8
CANL
Analog input/output
CAN bus - CAN low
9
GNDCAN
Ground
CAN bus - ground
10
LIN
Analog input/output
LIN single-wire bus transmitter and receiver
11
GNDLIN
Ground
LIN bus - ground
12
LIMP0
Digital output
LIMP Home mode output 0 - Active low (high by default)
13
FCCU1
Digital Input
MCU error monitoring input 1
14
AMUX
Analog output
Multiplexed output to be connected to an MCU ADC with selection of the analog
parameter through I2C/SPI.
15
DEBUG
Analog input
Debug mode entry and OTP input supply (development only)
16
VDIG
Analog output
Internal supply decoupling capacitor
17
GND_IO
Ground
I/Os ground connection
18
LVIO4
Digital input/output
Low-voltage IO 4, with wake-up capability
19
LVIO3
Digital input/output
Low-voltage IO 3, with wake-up capability
20
LINTXD
Digital input
Transmitter input from the MCU, which controls the state of the LIN bus
21
LINRXD
Digital output
Receiver output, which reports the state of the LIN bus to the MCU
22
VDDIO
Analog input
Input voltage for SPI, I2C, LVIOs and AMUX
23
CANRXD
Digital output
Receiver output, which reports the state of the CAN bus to the MCU
24
CANTXD
Digital input
Transmitter input from the MCU, which controls the state of the CAN bus
25
MISO/LVO6
Digital output
SPI bus - Master input slave output(MISO)/Low-voltage output 6
26
MOSI/LVI5
Digital input
SPI bus - Master output slave input(MOSI)/Low-voltage input 5
27
SCK/SCL
Digital input/output
SPI bus - Clock input / I2C bus - clock input
28
CSB/SDA
Digital input/output
SPI bus - Chip select (active low) / I2C bus - bidirectional data line
29
RSTB
Digital input/output
Reset input/output. Active low. The main function is to reset the MCU. Reset input
voltage is monitored in order to detect external reset and fault condition.
30
INTB
Digital output
Interrupt output
PGND
Ground
(FS2320) Power ground connection
31
NC
NC
(FS2300) Not connected. This pin must be left open.
V1_SW
Analog input/output
(FS2320) Switching node
32
V1_B
Analog output
(FS2300) V1 external PNP base signal. This pin must be left open if no PNP.
33
V1_IN
Analog input
V1 regulator input voltage
BOOT
Analog input/output
(FS2320) V1 bootstrap capacitor
34
V1_E
Analog output
(FS2300) V1 external PNP emitter signal. This pin must be left open if no PNP.
Table 3. Pin description
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
12 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com