| Electronic Components Datasheet Search |
|
MFS2301BMBACEP Datasheet(PDF) 73 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFS2301BMBACEP Datasheet(HTML) 73 Page - NXP Semiconductors |
|
73 / 230 page ![]() NXP Semiconductors FS23 Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers 18.2.1.3 LIN Wake-up A LIN wake-up event is detected when a low level on LIN bus is detected for at least TLIN_DOM_WU and is followed by a rising edge. aaa-051462 Dominant LIN bus LIN Wake up TLIN_DOM_WU LINRXD Figure 41. LIN wake-up timing diagram 18.2.1.4 LIN Listen-only mode The LIN transceiver Listen-only mode is entered from Wake capable mode when LIN mode is set to 2b’01 or when LIN mode is set to 2b’10 or 2b’11 and LINTXD is low (bus dominant). The device must be in Normal mode. The low-power wake-up receiver and the transmitter are disabled. Only the normal receiver is enabled. The device is only able to report the bus level to the LINRXD pin. The device is not able to transmit information from LINTXD to the bus. 18.2.1.5 LIN Active mode The LIN transceiver Active mode is entered from Wake-capable or Listen-only mode when LIN mode is set to 2b’10 or 2b’11 and LINTXD is high. The device must be in Normal mode. In Active mode, the normal receiver and the transmitter are enabled, and the low-power receiver is disabled. The device can transmit information from LINTXD to the LIN bus and report the bus level to the LINRXD pin. In this mode, the slope control feature is available by setting LIN_SLOPE to 2b’10, in order to reduce electromagnetic emissions. When a TSD or a LIN dominant timeout or a short circuit is detected, the transceiver goes back to Listen-only mode and the transmitter is disabled. After a short circuit or a dominant timeout, the transmitter is enabled again by a rising edge on LINTXD pin. FS23 All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 7.0 — 16 October 2024 Document feedback 73 / 230 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |