Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 78 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 74Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 75Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 76Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 77Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 78Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 79Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 80Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 81Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
WDW_PERIOD[3:0]
Watchdog window period
0000
Disable (infinite open window)
0001
1 ms
0010
2 ms
0011
3 ms
0100
4 ms
0101
6 ms
0110
8 ms
0111
12 ms
1000
16 ms
1001
24 ms
1010
32 ms
0011
64 ms
1100
128 ms
1101 (default)
256 ms
1110
512 ms
1111
1024 ms
Table 34. Watchdog window period configuration
19.2.1 Watchdog selection
Two types of watchdog monitoring, timeout and window watchdog, are implemented and can be selected and
changed during operation by SPI/I2C using WDW_EN bit.
WDW_EN
Watchdog type selection
0
Timeout watchdog (default)
1
Window watchdog
Table 35. Watchdog type configuration
19.2.1.1 Timeout watchdog
The timeout watchdog is the default configuration at startup. In this mode, the watchdog period is considered
as fully open, and the MCU writes the correct value in the WD_ANSWER register before the period ends. If
the answer is wrong, or if the answer is not sent before the watchdog timer overflows, the WD error counter is
incremented and WD_NOK_I flag is set to 1.
19.2.1.2 Window watchdog
The window watchdog can be enabled by SPI/I2C by setting WDW_EN bit at 1. In this mode, the watchdog
period is divided in two. The first half is said to be “closed” and the second is said “open”. The MCU writes the
correct value in the WD_ANSWER register during the "open "window. If the answer is wrong, or if the answer is
sent during the "closed" window, or if the answer is not sent before the watchdog timer overflows, the WD error
counter is incremented and WD_NOK_I flag is set to 1.
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
78 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com