Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 71 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 67Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 68Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 69Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 70Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 71Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 72Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 73Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 74Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. V3 = V3UV to 5 V,
unless otherwise specified. VDDIO = 3 V to 5.5V, unless otherwise specified. All voltages referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
TCAN_WU_FILT
CAN recessive/dominant filter time for wake-up
0.5
1.4
1.8
us
TCAN_WU_TO
CAN wake-up timeout time
0.8
-
10.0
ms
Table 32. CAN FD transceiver characteristics...continued
18.2 LIN transceiver
The FS23 device includes an integrated LIN transceiver, developed in compliance with the LIN 2.2a (ISO
17987-4) and SAE-J2602-2 standards, SAE J2962-1 (2019), and IEC 62228-2 (2016) for EMC performance. It
provides the physical interface between the LIN controller of an MCU and the physical LIN bus.
The LIN transceiver bus driver is supplied by VSHS supply input. Depending on the configuration of the SPI/I2C
LIN_VSHSUV_DIS bit, the transceiver is deactivated or kept on in case of VSHS_UV (5 V). It can operate up to
VSHS = 28 V.
aaa-051460
wk
VDIG
VSHS
LIN
VSHS
VDDIO
LINTXD
LINRXD
VDIG
VSHS
LIN
VDIG_LP
WAKE
Figure 39. LIN transceiver internal diagram
18.2.1 LIN operating modes
The LIN transceiver has four modes: Off, Wake-capable, Listen-only, and Active. The Listen-only and Active
modes are only available when the device is in Normal mode. In Low-power modes, the transceiver can be in
kept in Wake-capable mode in order to be used as a wake-up source for the device and the module.
By default, the LIN transceiver is disabled (set to Offline mode) when one of the safety outputs RSTB, FS0B, or
LIMP0 is asserted. This can be configured by SPI/I2C using LIN_FS_DIS bit.
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
71 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com