| Electronic Components Datasheet Search |
|
MFS2301BMBACEP Datasheet(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFS2301BMBACEP Datasheet(HTML) 20 Page - NXP Semiconductors |
|
20 / 230 page ![]() NXP Semiconductors FS23 Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers 12 Functional description The FS23 device has one main state machine. The main state machine manages the power management, the Low-Power modes, and the wake-up sources. The main state machine also manages the monitoring of the power management, the monitoring of the MCU, and the monitoring of an external IC. In parallel, an INIT state machine is implemented to manage the INIT state of the device. This state is used for the configuration of the device per SPI/I2C. The safety pins RSTB, FS0B, and LIMP0 are managed independently from each other, in parallel of the main state machine. 12.1 Simplified state machine aaa-052135 Start-up of internal circuitry Power-up sequence of the regulators LPOFF LPON Normal mode VBOS > VBOS_UV Regulators started Fail-safe VBOS_UV, VxOV, TSDx detected Fault error counter = max VBOS > VBOS_por VDIG > VDIG_por VDIG < VDIG_ov POR Go2LPOFF Go2LPON Wake-up event: CAN, LIN, LDT, WAKEx, HVIOx, LVIOx, SPI/I2C Wake-up event: CAN, LIN, LDT, WAKEx, HVIOx VBOS_UV, V1OV, V1UVLP detected V1UVLP detected FS timeout and no automatic restart FS timeout and automatic restart Figure 10. Simplified state machine FS23 All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 7.0 — 16 October 2024 Document feedback 20 / 230 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |