Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 9Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 10Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 11Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 12Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 13Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 14Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 15Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 16Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
Pin
Pin name
Type
Description
35
WAKE2
Analog input
Wake up input 2
36
WAKE1
Analog input
Wake up input 1
37
VMON_EXT
Analog input
External-voltage monitoring input
38
VBOS
Analog output
Best of supply output voltage
39
V1
Analog output
V1 regulator output voltage
40
NC
NC
Not connected. This pin must be left open.
41
VSUP
Analog input
Power supply of the device
42
V2_IN
Analog input
V2 regulator input voltage
43
V2
Analog output
V2 regulator output voltage
44
V2_FB
Analog input
V2 regulator voltage feedback
45
HS4
Analog output
High-side driver 4
46
HS3
Analog output
High-side driver 3
47
VSHS
Analog input
High-side drivers and LIN supply
48
HVIO2
Digital input/output
High-voltage I/O 2, with wake-up capability
Table 3. Pin description...continued
7.3 Connection of unused pins
Pin
Pin name
Type
Description
1
HVIO1
Digital input/output
Open (HVIO1PUPD_OTP = 01)
2
HS2
Analog output
Open
3
HS1
Analog output
Open
4
V3_IN
Analog input
VSUP
5
FS0B
Digital output
Open
6
V3
Analog output
Open
7
CANH
Analog input/output
Open
8
CANL
Analog input/output
Open
9
GNDCAN
Ground
Connection mandatory
10
LIN
Analog input/output
Open
11
GNDLIN
Ground
Connection mandatory
12
LIMP0
Digital output
Open
13
FCCU1
Digital Input
GND
14
AMUX
Analog output
Open
15
DEBUG
Analog input
Connection mandatory to GND in production (5 V or 8 V authorized for development
only)
16
VDIG
Analog output
Connection mandatory
17
GND_IO
Ground
Connection mandatory
18
LVIO4
Digital input/output
Open (LVIO4PUPD_OTP = 01)
19
LVIO3
Digital input/output
Open (LVIO3PUPD_OTP = 01)
20
LINTXD
Digital input
Open (200 kΩ internal pull up to VDDIO)
21
LINRXD
Digital output
Open (push-pull structure)
Table 4. Connection of unused pins
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
13 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com