Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS2301BMBACEP Datasheet(PDF) 101 Page - NXP Semiconductors

Part # MFS2301BMBACEP
Description  Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2301BMBACEP Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button MFS2301BMBACEP Datasheet HTML 97Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 98Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 99Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 100Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 101Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 102Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 103Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 104Page - NXP Semiconductors MFS2301BMBACEP Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 230 page
background image
NXP Semiconductors
FS23
Safety system basis chip (SBC) with power management, CAN FD and LIN transceivers
20.1.4 Electrical characteristics
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. VDDIO = 3.0 V to 5.5
V, unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
I2C
3.135
3.300
3.465
V
VDDIO
I2C interface supply input
4.75
5.00
5.25
FSCL
SCL clock frequency (max load cap = 100 pF)
-
-
1
MHz
I2CVIL
SCL, SDA low-level input voltage
0.3 x VDDIO
-
-
V
I2CVIH
SCL, SDA high-level input voltage
-
-
0.7 x VDDIO
V
I2CHYST
Input hysteresis
170
-
-
mV
SDAVOL
Low-level output voltage at SDA pin (I = 20 mA)
-
-
0.4
V
CI2C
Input capacitance at SCL/SDA
-
-
10
pF
tSPSCL
SCL pulse width filtering time
18
-
-
ns
tSPSDA
SDA pulse width filtering time
28
-
-
ns
Table 66. Electrical characteristics
20.2 SPI communication
The FS23 provides a 32-bit SPI interface, as alternative to the I2C interface (SPI_EN_OTP = 1).
20.2.1 SPI interface overview
The SPI has the following arrangement:
MOSI bits
• Bits 31 to 25: register address
• Bit 24: Read/Write (for reading Bit 24 = 0; For writing Bit 24 = 1)
• Bits 23 to 8: control bits
• Bits 7 to 0: CRC
MISO bits
• Bits 31 to 24: general device status
• Bits 23 to 8: device internal control register content
• Bits 7 to 0: CRC
The digital SPI pins (CSB, SCLK, MOSI, MISO) are referenced to VDDIO.
The MCU is the master driving MOSI and FS23 is the slave driving MISO. The MISO data is latched at the
SCLK rising edge and MOSI data is latched at the SCLK falling edge. MSB first.
• In write command, MISO [31:24] bits are the general status flags, [23:8] bits are register’s content before
Write access and MISO [7:0] is the CRC of the message sent by the FS23.
• In read command, MOSI [23:8] bits are all 0 and MOSI [7:0] is the CRC of the message sent by the MCU.
Table 67 and Table 68 describe SPI communication protocol for writing data into the FS23 or reading data from
the FS23.
FS23
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 16 October 2024
Document feedback
101 / 230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com