Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 171 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 171 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 167Page - SONiX Technology Company SN8F5708 Datasheet HTML 168Page - SONiX Technology Company SN8F5708 Datasheet HTML 169Page - SONiX Technology Company SN8F5708 Datasheet HTML 170Page - SONiX Technology Company SN8F5708 Datasheet HTML 171Page - SONiX Technology Company SN8F5708 Datasheet HTML 172Page - SONiX Technology Company SN8F5708 Datasheet HTML 173Page - SONiX Technology Company SN8F5708 Datasheet HTML 174Page - SONiX Technology Company SN8F5708 Datasheet HTML 175Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Electrical Characteristics
Datasheet Rev. 2.4
171
TOSR
Output slew rate
VDD = 5V, VO rising
5
μs
VDD = 5V, VO falling
5
μs
* Parameters with star mark are non-verified design reference.
24.6
Comparator Characteristics
Parameter
Test Condition
MIN
TYP
MAX UNIT
VCMP
Operating Voltage
2.0
5.5
V
ICMP
Current consumption
*
VDD = 5V
100
μA
VOFFSET Input offset voltage
*
VDD = 5V, VCM = 0.5VDD
-5
5
mV
TRS
Response time
VDD = 5V, VO rising
100
ns
VDD = 5V, VO falling
100
ns
TOSR
Output slew rate
VDD = 5V, VO rising
20
ns
VDD = 5V, VO falling
20
ns
VIREF
Internal 4V reference voltage
VDD = 5V
3.92
4
4.08
V
Internal 3V reference voltage
VDD = 5V
2.94
3
3.06
V
Internal 2V reference voltage
VDD = 5V
1.96
2
2.04
V
VCMR
Common mode input voltage
VDD = 5V
VSS+0.5
VDD-0.5 V
* Parameters with star mark are non-verified design reference.
24.7
Flash Memory Characteristics
Parameter
Test Condition
MIN
TYP
MAX UNIT
Vdd
Supply voltage
1.8
5.5
V
Ten
Endurance time
25°C
*
100K
cycle
Iwrt
Write current
25°C
3
4
mA
Twrt
Write time
Write 1 page=32 bytes, 25°C
6
8
ms
* Parameters with star mark are non-verified design reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com