Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 172 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 172 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 168Page - SONiX Technology Company SN8F5708 Datasheet HTML 169Page - SONiX Technology Company SN8F5708 Datasheet HTML 170Page - SONiX Technology Company SN8F5708 Datasheet HTML 171Page - SONiX Technology Company SN8F5708 Datasheet HTML 172Page - SONiX Technology Company SN8F5708 Datasheet HTML 173Page - SONiX Technology Company SN8F5708 Datasheet HTML 174Page - SONiX Technology Company SN8F5708 Datasheet HTML 175Page - SONiX Technology Company SN8F5708 Datasheet HTML 176Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Instruction Set
Datasheet Rev. 2.4
172
25 Instruction Set
This chapter categorizes the SN8F5708 microcontroller’s comprehensive assembly instructions. It
includes five categories—arithmetic operation, logic operation, data transfer operation, Boolean
manipulation, and program branch—which are fully compatible with standard 8051.
Symbol description
Symbol
Description
Rn
Working register R0 - R7
direct
One of 128 internal RAM locations or any Special Function Register
@Ri
Indirect internal or external RAM location addressed by register R0 or R1
#data
8-bit constant (immediate operand)
#data16
16-bit constant (immediate operand)
bit
One of 128 software flags located in internal RAM, or any flag of
bit-addressable Special Function Registers
addr16
Destination address for LCALL or LJMP, can be anywhere within the 64-Kbyte
page of program memory address space
addr11
Destination address for ACALL or AJMP, within the same 2-Kbyte page of
program memory as the first byte of the following instruction
rel
SJMP and all conditional jumps include an 8-bit offset byte. Its range is
+127/-128 bytes relative to the first byte of the following instruction
A
Accumulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com