Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 168 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 168 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 164Page - SONiX Technology Company SN8F5708 Datasheet HTML 165Page - SONiX Technology Company SN8F5708 Datasheet HTML 166Page - SONiX Technology Company SN8F5708 Datasheet HTML 167Page - SONiX Technology Company SN8F5708 Datasheet HTML 168Page - SONiX Technology Company SN8F5708 Datasheet HTML 169Page - SONiX Technology Company SN8F5708 Datasheet HTML 170Page - SONiX Technology Company SN8F5708 Datasheet HTML 171Page - SONiX Technology Company SN8F5708 Datasheet HTML 172Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Electrical Characteristics
Datasheet Rev. 2.4
168
24 Electrical Characteristics
24.1
Absolute Maximum Ratings
Voltage applied at VDD to VSS ......................................................................................... - 0.3V to 6.0V
Voltage applied at any pin to VSS............................................................................- 0.3V to VDD+0.3V
Operating ambient temperature.......................................................................................-40°C to 85°C
Storage ambient temperature ....................................................................................... -40°C to 125°C
Junction Temperature .................................................................................................... -40°C to 125°C
24.2
System Operation Characteristics
Parameter
Test Condition
MIN
TYP
MAX UNIT
VDD
Operating voltage
fcpu = 1MHz
1.8
5.5
V
VDR
RAM data retention Voltage
1.5
V
VPOR
VDD rising rate
*
0.05
V/ms
IDD1
Normal mode supply current
VDD = 3V, fcpu = 0.25MHz
2.05
mA
VDD = 5V, fcpu = 0.25MHz
2.06
mA
VDD = 3V, fcpu = 1MHz
2.25
mA
VDD = 5V, fcpu = 1MHz
2.30
mA
VDD = 3V, fcpu = 8MHz
3.50
mA
VDD = 5V, fcpu = 8MHz
3.55
mA
IDD2
STOP mode supply current
VDD = 3V
3.5
8.5
μA
VDD = 5V
4.0
9.0
μA
IDD3
IDLE mode supply current
(fcpu = 1MHz)
VDD = 3V, 32MHz IHRC
0.63
mA
VDD = 5V, 32MHz IHRC
0.65
mA
VDD = 3V, 16MHz Crystal
0.65
mA
VDD = 5V, 16MHz Crystal
1.25
mA
VDD = 3V, 4MHz Crystal
0.60
mA
VDD = 5V, 4MHz Crystal
0.75
mA
FIHRC
Internal high clock generator
VDD = 1.8V to 5.5V, 25°C
31.84
32
32.16 MHz
VDD = 1.8V to 5.5V,
25°C to 85°C
31.68
31.99 MHz
VDD = 1.8V to 5.5V,
-40°C to 25°C
32.31
32.64 MHz
FILRC
Internal low clock generator
VDD = 5V, 25°C
12
16
24
kHz
VLVD18 LVD18 detect voltage
25°C
1.7
1.8
1.9
V
-40°C to 85°C
1.6
1.8
2.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com