Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 169 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 169 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 165Page - SONiX Technology Company SN8F5708 Datasheet HTML 166Page - SONiX Technology Company SN8F5708 Datasheet HTML 167Page - SONiX Technology Company SN8F5708 Datasheet HTML 168Page - SONiX Technology Company SN8F5708 Datasheet HTML 169Page - SONiX Technology Company SN8F5708 Datasheet HTML 170Page - SONiX Technology Company SN8F5708 Datasheet HTML 171Page - SONiX Technology Company SN8F5708 Datasheet HTML 172Page - SONiX Technology Company SN8F5708 Datasheet HTML 173Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Electrical Characteristics
Datasheet Rev. 2.4
169
VLVD24 LVD24 detect voltage
25°C
2.3
2.4
2.4
V
-40°C to 85°C
2.2
2.4
2.6
V
VLVD33 LVD33 detect voltage
25°C
3.2
3.3
3.4
V
-40°C to 85°C
3.0
3.3
3.6
V
* Parameter(s) with star mark are non-verified design reference. Ambient temperature is 25°C.
IHRC Frequency - Temperature Graph
24.3
GPIO Characteristics
Parameter
Test Condition
MIN
TYP
MAX UNIT
VIL
Low-level input voltage
VSS
0.3VDD
V
VIH
High-level input voltage
0.7VDD
VDD
V
ILEKG
I/O port input leakage current VIN = VDD
2
μA
RUP
Pull-up resister
VDD = 3V
100
200
300
kΩ
VDD = 5V
50
100
150
kΩ
IOH
I/O output source current
VDD = 5V, VO = VDD-0.5V
12
16
mA
IOL1
I/O sink current (P14 – P17 , P2,
P3, P4, P5)
VDD = 5V, VO = VSS+0.5V
15
20
mA
IOL2
I/O sink current (P0, P10 – P13) VDD = 5V, VO = VSS+1.5V
80
100
mA
* Ambient temperature is 25°C.
24.4
ADC Characteristics
Parameter
Test Condition
MIN
TYP
MAX UNIT
VADC
Operating voltage
2.0
5.5
V
VAIN
AIN0 channels input voltage
VDD = 5V
0
VREFH
V
VREFH AVREFH pin input voltage
VDD = 5V
VREFL+2
VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com