Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 165 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 165 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 161Page - SONiX Technology Company SN8F5708 Datasheet HTML 162Page - SONiX Technology Company SN8F5708 Datasheet HTML 163Page - SONiX Technology Company SN8F5708 Datasheet HTML 164Page - SONiX Technology Company SN8F5708 Datasheet HTML 165Page - SONiX Technology Company SN8F5708 Datasheet HTML 166Page - SONiX Technology Company SN8F5708 Datasheet HTML 167Page - SONiX Technology Company SN8F5708 Datasheet HTML 168Page - SONiX Technology Company SN8F5708 Datasheet HTML 169Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
In-System Program
Datasheet Rev. 2.4
165
These configurations must be setup completely before starting Page Program. ISP is configured
using the following steps:
1.
Save program data into IRAM. The data continues for 32 bytes.
2.
Set the start address of the content location to PERAM.
3.
Set the start address of the anticipated update area to PEROM [15:5]. (By PEROMH/PRROML
registers)
4.
Write ‘0xA5A’ into PECMD [11:0] to trigger ISP function. Before writing ‘0x5A’ into
PECMD[7:0], PECMD[11:8] must be written ‘0xA’.
5.
Write ‘NOP’ instruction twice.
As an example, assume the 510
th page of program memory (IROM, 0x3FC0 – 0x3FDF) is the
anticipated update area; the content is already stored in IRAM address 0x60 – 0x7F. To perform the
in-system program, simply write starting IROM address 0x3FC0 to EPROMH/EPROML registers, and
then specify buffer starting address 0x60 to EPRAM register. Subsequently, write ‘0xA5A’ into
PECMD [11:0] registers to duplicate the buffer’s data to 510
th page of IROM.
In general, every page has the capability to be modified by in-system program procedure. However,
since the first and least pages (page 0 and 511) respectively stores reset vector and information for
power-on controller, incorrectly perform page program (such as turn off power while programming)
may cause faulty power-on sequence / reset.
Note:
1. Watch dog timer should be clear before the Flash write (program) operation, or
watchdog timer would overflow and reset system during ISP operating.
2. Don’t execute ISP flash ROM program operation for the first page and the last
page, or affect program operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com