Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 164 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 164 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 160Page - SONiX Technology Company SN8F5708 Datasheet HTML 161Page - SONiX Technology Company SN8F5708 Datasheet HTML 162Page - SONiX Technology Company SN8F5708 Datasheet HTML 163Page - SONiX Technology Company SN8F5708 Datasheet HTML 164Page - SONiX Technology Company SN8F5708 Datasheet HTML 165Page - SONiX Technology Company SN8F5708 Datasheet HTML 166Page - SONiX Technology Company SN8F5708 Datasheet HTML 167Page - SONiX Technology Company SN8F5708 Datasheet HTML 168Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
In-System Program
Datasheet Rev. 2.4
164
23 In-System Program
SN8F5708 builds in an on-chip 16 KB program memory, aka IROM, which is equally divided to 512
pages (32 bytes per page). The in-system program is a procedure that enables a firmware to freely
modify every page’s data; in other word, it is the channel to store value(s) into the non-volatile
memory and/or live update firmware.
0x3FFF
Page 511
0x3FE0
0x3FDF
Page 510
0x3FC0
…
0x003F
Page 1
0x0020
0x001F
Page 0
0x0000
Program memory (IROM)
23.1
Page Program
Because each page of the program memory has 32 bytes in length, a page program procedure
requires 32 bytes IRAM as its data buffer.
ISP ROM MAP
ROM address bit0~bit4 (hex) =0
0000
These pages include reset vector and interrupt sector. We strongly recommend
to reserve the area not to do ISP erase.
0020
0040
…
00C0
00E0
0100
One ISP Program Page
0120
One ISP Program Page
…
One ISP Program Page
1000
One ISP Program Page
1020
One ISP Program Page
…
One ISP Program Page
3700
One ISP Program Page
3720
One ISP Program Page
…
One ISP Program Page
3FE0
This page includes ROM reserved area. We strongly recommend to reserve the
area not to do ISP erase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com