Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 160 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 160 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 156Page - SONiX Technology Company SN8F5708 Datasheet HTML 157Page - SONiX Technology Company SN8F5708 Datasheet HTML 158Page - SONiX Technology Company SN8F5708 Datasheet HTML 159Page - SONiX Technology Company SN8F5708 Datasheet HTML 160Page - SONiX Technology Company SN8F5708 Datasheet HTML 161Page - SONiX Technology Company SN8F5708 Datasheet HTML 162Page - SONiX Technology Company SN8F5708 Datasheet HTML 163Page - SONiX Technology Company SN8F5708 Datasheet HTML 164Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
I2C
Datasheet Rev. 2.4
160
call address will be recognized; START condition will be
transmitted when the bus becomes free
90H
Previously addressed with
general call address; DATA has
been received; ACK returned
Read data byte
X
0
0
0/1 Data byte will be received and not ACK/ACK will be returned
98H
Previously addressed with
general call address; DATA has
been received; not ACK
returned
Read data byte
0
0
0
0
Switched to not addressed SLV mode; no recognition of own
SLA or general call address
Read data byte
0
0
0
1
Switched to not addressed SLV mode; own SLA or general
call address will be recognized
Read data byte
1
0
0
0
Switched to not addressed SLV mode; no recognition of own
SLA or general call address; START condition will be
transmitted when the bus becomes free
Read data byte
1
0
0
1
Switched to not addressed SLV mode; own SLA or general
call address will be recognized; START condition will be
transmitted when the bus becomes free
A0H
A STOP condition or repeated
START condition has been
received while still addressed as
SLV/REC or SLV/TRX
No action
0
0
0
0
Switched to not addressed SLV mode; no recognition of own
SLA or general call address
No action
0
0
0
1
Switched to not addressed SLV mode; own SLA or general
call address will be recognized
No action
1
0
0
0
Switched to not addressed SLV mode; no recognition of own
SLA or general call address; START condition will be
transmitted when the bus becomes free
No action
1
0
0
1
Switched to not addressed SLV mode; own SLA or general
call address will be recognized; START condition will be
transmitted when the bus becomes free
A8H
Own SLA+R has been received;
ACK has been returned
Load data byte
X
0
0
0
Last data byte will be transmitted and ACK will be received
Load data byte
X
0
0
1
Data byte will be transmitted; ACK will be received.
B0H
Arbitration lost in SLA+R/W as
master; own SLA+R has been
received, ACK has been
returned.
Load data byte
X
0
0
0
Last data byte will be transmitted and ACK will be received
Load data byte
X
0
0
1
Data byte will be transmitted; ACK will be received.
B8H
Data byte has been
transmitted; ACK will be
received.
Load data byte
X
0
0
0
Last data byte will be transmitted and ACK will be received
Load data byte
X
0
0
1
Data byte will be transmitted; ACK will be received.
C0H
Data byte has been
transmitted; not ACK has been
received.
No action
0
0
0
0
Switched to not addressed SLV mode; no recognition of own
SLA or general call address.
No action
0
0
0
1
Switched to not addressed SLV mode; own SLA or general
call address will be recognized.
No action
1
0
0
0
Switched to not addressed SLV mode; no recognition of own
SLA or general call address; START condition will be
transmitted when the bus becomes free.
No action
1
0
0
1
Switched to not addressed SLV mode; own SLA or general
call address will be recognized; START condition will be
transmitted when the bus becomes free.
C8H
Last data byte has been
transmitted; ACK has been
received.
No action
0
0
0
0
Switched to not addressed SLV mode; no recognition of own
SLA or general call address.
No action
0
0
0
1
Switched to not addressed SLV mode; own SLA or general
call address will be recognized.
No action
1
0
0
0
Switched to not addressed SLV mode; no recognition of own
SLA or general call address; START condition will be
transmitted when the bus becomes free.
No action
1
0
0
1
Switched to not addressed SLV mode; own SLA or general
call address will be recognized; START condition will be
transmitted when the bus becomes free.
F8H
No relevant state information
available; SI=0
No action
No action
Wait or proceed current transfer
38H
Arbitration lost
No action
0
0
0
X
I2C will be released; A start condition will be transmitted.
No action
1
0
0
X
When the bus becomes free. (enter to a master mode)
00H
Bus error during MST or
selected slave modes
No action
0
1
0
X
Only the internal hardware is affected in the MST or
addressed SLV modes. In all cases, the bus is released and
I2C is switched to the not addressed SLV mode. STO flag is
reset.
“SLA” means slave address, “R” means R/W=1, “W” means R/W=0
*For applications where NACK doesn’t mean the end of communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com