Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 159 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 159 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 155Page - SONiX Technology Company SN8F5708 Datasheet HTML 156Page - SONiX Technology Company SN8F5708 Datasheet HTML 157Page - SONiX Technology Company SN8F5708 Datasheet HTML 158Page - SONiX Technology Company SN8F5708 Datasheet HTML 159Page - SONiX Technology Company SN8F5708 Datasheet HTML 160Page - SONiX Technology Company SN8F5708 Datasheet HTML 161Page - SONiX Technology Company SN8F5708 Datasheet HTML 162Page - SONiX Technology Company SN8F5708 Datasheet HTML 163Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
I2C
Datasheet Rev. 2.4
159
I2C status code and status
Mode
Status
Code
Status of the I2C
Application software response
Next action taken by I2C hardware
To/from I2CDAT
TO I2CCON
STA STO
SI
AA
08H
A START condition has been
transmitted
Load SLA+R
X
0
0
X
SLA+R/W will be transmitted; ACK will be received
10H
A repeated START condition
has been transmitted.
Load SLA+R
X
0
0
X
SLA+R/W will be transmitted; ACK will be received
Load SLA+W
SLA+W will be transmitted; I2C will be switched to MST/TRX
mode.
18H
SLA+W has been transmitted;
ACK has been received
Load data byte
0
0
0
X
Data byte will be transmitted; ACK will be received.
No action
1
0
0
X
Repeated START will be transmitted.
No action
0
1
0
X
STOP condition will be transmitted; STO flag will be reset.
No action
1
1
0
X
STOP condition followed by a START condition will be
transmitted; STO flag will be reset.
20H
SLA+W has been transmitted;
not ACK has been received
Load data byte*
0
0
0
X
Data byte will be transmitted; ACK will be received.
No action
1
0
0
X
Repeated START will be transmitted.
No action
0
1
0
X
STOP condition will be transmitted; STO flag will be reset.
No action
1
1
0
X
STOP condition followed by a START condition will be
transmitted; STO flag will be reset.
28H
Data byte in I2CDAT has been
transmitted; ACK has been
received
Load data byte
0
0
0
X
Data byte will be transmitted; ACK bit will be received.
No action
1
0
0
X
Repeated START will be transmitted.
No action
0
1
0
X
STOP condition will be transmitted; STO flag will be reset.
No action
1
1
0
X
STOP condition followed by a START condition will be
transmitted; STO flag will be reset.
30H
Data byte in I2CDAT has been
transmitted; not ACK has been
received
Load data byte*
0
0
0
X
Data byte will be transmitted; ACK will be received.
No action
1
0
0
X
Repeated START will be transmitted.
No action
0
1
0
X
STOP condition will be transmitted; STO flag will be reset.
No action
1
1
0
X
STOP condition followed by a START condition will be
transmitted; STO flag will be reset.
40H
SLA+R has been transmitted;
ACK has been received
No action
0
0
0
0
Data byte will be received; not ACK will be returned
No action
0
0
0
1
Data byte will be received; ACK will be returned
48H
SLA+R has been transmitted;
not ACK has been received
No action
1
0
0
X
Repeated START condition will be transmitted
No action
0
1
0
X
STOP condition will be transmitted; STO flag will be reset
No action
1
1
0
X
STOP condition followed by a START condition will be
transmitted; STO flag will be reset
50H
Data byte has been received;
ACK has been returned
Read data byte
0
0
0
0
Data byte will be received; not ACK will be returned
Read data byte
0
0
0
1
Data byte will be received; ACK will be returned
58H
Data byte has been received;
not ACK has been returned
Read data byte
1
0
0
X
Repeated START condition will be transmitted
Read data byte
0
1
0
X
STOP condition will be transmitted; STO flag will be reset
Read data byte
1
1
0
X
STOP condition followed by a START condition will be
transmitted; STO flag will be reset
Mode
Status
Code
Status of the I2C
Application software response
Next action taken by I2C hardware
To/from I2CDAT
TO I2CCON
STA
STO
SI
AA
60H
Own SLA+W has been received;
ACK has been returned
No action
X
0
0
0/1 Data byte will be received and not ACK/ACK will be returned
68H
Arbitration lost in SLA+R/W as
master; own SLA+W has been
received, ACK returned
No action
X
0
0
0/1 Data byte will be received and not ACK/ACK will be returned
70H
General call address (00H) has
been received; ACK has been
returned
No action
X
0
0
0/1 Data byte will be received and not ACK/ACK will be returned
78H
Arbitration lost in SLA+R/W as
master; general call address has
been received, ACK returned
No action
X
0
0
0/1 Data byte will be received and not ACK/ACK will be returned
80H
Previously addressed with own
SLV address; DATA has been
received; ACK returned
Read data byte
X
0
0
0/1 Data byte will be received and not ACK/ACK will be returned
88H
Previously addressed with own
SLA; DATA byte has been
received; not ACK returned
Read data byte
0
0
0
0
Switched to not addressed SLV mode; no recognition of own
SLA or general call address
Read data byte
0
0
0
1
Switched to not addressed SLV mode; own SLA or general
call address will be recognized
Read data byte
1
0
0
0
Switched to not addressed SLV mode; no recognition of own
SLA or general call address; START condition will be
transmitted when the bus becomes free
Read data byte
1
0
0
1
Switched to not addressed SLV mode; own SLA or general



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com