Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 155 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 155 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 151Page - SONiX Technology Company SN8F5708 Datasheet HTML 152Page - SONiX Technology Company SN8F5708 Datasheet HTML 153Page - SONiX Technology Company SN8F5708 Datasheet HTML 154Page - SONiX Technology Company SN8F5708 Datasheet HTML 155Page - SONiX Technology Company SN8F5708 Datasheet HTML 156Page - SONiX Technology Company SN8F5708 Datasheet HTML 157Page - SONiX Technology Company SN8F5708 Datasheet HTML 158Page - SONiX Technology Company SN8F5708 Datasheet HTML 159Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
I2C
Datasheet Rev. 2.4
155
Note:
1. The first step of I2C operation is to setup the I2C pins’ mode. Must be set “input
mode” in SDA/SCL pins.
2. When clock generator source is T1 overflow rate, the max counter value is 0xFB.
(Only supports 0x00~0xFB). And in this time if T1 clock rate is IHRC_32MHz, SCL
maximum clock rate is 800kHz.
3. If user wants to generate SCL clock rate is 100kHz/400kHz, you can set T1
counter value is 0xD8/0xF6 easily.
22.5
Synchronization and Arbitration
In multi-master condition, more than one master may transmit on bus in the same time. It must be
decided which master has the control of bus and complete its transmission. Clock synchronization
and arbitration are used to configure multi-master transmission. Clock synchronization is executed
by synchronizing the SCL signal with anther devices.
When two masters want to transmit data in the same, the clock synchronization will start by the
High to Low transition on the SCL. If master 1 clock set LOW first, it holds the SCL in LOW status
until the clock transit to HIGH status. However, if anther master clock still keep LOW status, the
Low to High transition of master 1 may not change SCL status (SCL keep LOW). In the other word,
SCL keep LOW by the master with the longest clock time in LOW status. The SCL will transit from
LOW to HIGH when the all devices clock transit to HIGH status. In the duration, the master1 will
keep in HIGH status and wait for SCL transition (from LOW to HIGH), then continue its transmission.
After clock synchronization, all devices clock and SCL clock are the same. Arbitration is used to
decide which master can complete its transmission by SDA signal. Two masters may send out a
START condition and transmit data on bus in the same time. They may influence by each other.
Arbitration will force one master to lose the control on bus. Data transmission will keep until
master output different data signal. If one master transmits HIGH status and anther master
transmits LOW status, the SDA will be pull low. The master output High will detect the different
with SDA and lose the control on bus. The mater with LOW status wins the bus control and
continues its transmission. There is no data miss during arbitration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com