Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 154 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 154 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 150Page - SONiX Technology Company SN8F5708 Datasheet HTML 151Page - SONiX Technology Company SN8F5708 Datasheet HTML 152Page - SONiX Technology Company SN8F5708 Datasheet HTML 153Page - SONiX Technology Company SN8F5708 Datasheet HTML 154Page - SONiX Technology Company SN8F5708 Datasheet HTML 155Page - SONiX Technology Company SN8F5708 Datasheet HTML 156Page - SONiX Technology Company SN8F5708 Datasheet HTML 157Page - SONiX Technology Company SN8F5708 Datasheet HTML 158Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
I2C
Datasheet Rev. 2.4
154
22.3
General Call Address
In I2C bus, the first 7-bit is the slave address. Only the address matches slave address, the slave will
response an ACK. The exception is the general call address which can address all slave devices.
When this address occur, all devices should response an acknowledge (ACK). The general call
address is a special address which is reserved as all “0” of 7-bit address. The general call address
function is control by GC bit. Set this bit will enable general call address and clear it will disable.
When GC=1, the general call address will be recognized. When GC=0, the general call address will
be ignored.
S
ACK
1
2
3
4
5
6
7
8
9
1
D7
2
D6
3
D5
4
D4
5
D3
6
D2
7
D1
9
8
D0
SDA
SCL
GC
Receiving Data
R/W=0
General Call Address
“1”
ACK
Address compare to general call address
22.4
Serial Clock Generator
In master mode, the SCL clock rate generator’s is controlled by CR[2:0] bit of I2CCON register.
When CR[2:0]=000~110, SCL clock rate is from internal clock generator.
SCL Clock Rate =
Fcpu
Prescaler
(Prescaler = 256~60)
When CR[2:0]=111, SCL clock rate is from Timer 1 overflow rate .
SCL Clock Rate =
Timer 1 Overflow
8
The table below shows the clock rate under different setting.
CR2
CR1
CR0
I2C
Bit Frequency (kHz)
Prescaler
6MHz
8MHz
0
0
0
256
23
31
0
0
1
224
27
36
0
1
0
192
31
42
0
1
1
160
37
50
1
0
0
960
6.25
8
1
0
1
120
50
67
1
1
0
60
100
133
1
1
1
(Timer 1 overflow rate)/8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com