Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 157 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 157 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 153Page - SONiX Technology Company SN8F5708 Datasheet HTML 154Page - SONiX Technology Company SN8F5708 Datasheet HTML 155Page - SONiX Technology Company SN8F5708 Datasheet HTML 156Page - SONiX Technology Company SN8F5708 Datasheet HTML 157Page - SONiX Technology Company SN8F5708 Datasheet HTML 158Page - SONiX Technology Company SN8F5708 Datasheet HTML 159Page - SONiX Technology Company SN8F5708 Datasheet HTML 160Page - SONiX Technology Company SN8F5708 Datasheet HTML 161Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
I2C
Datasheet Rev. 2.4
157
When the SMBus extension function is enabled the lower 3-bit of I2CSTA hold the information
about time out as the table below.
I2CSTA
Description
XXXX X000
No timeout errors.
XXXX XXX1
Tout timeout error.
XXXX XX1X
Tsext timeout error.
XXXX X1XX
Tmext timeout error.
22.7
I2C Registers
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
I2CDAT
I2CDAT7
I2CDAT6
I2CDAT5
I2CDAT4
I2CDAT3
I2CDAT2
I2CDAT1
I2CDAT0
I2CADR
ADR6
ADR5
ADR4
ADR3
ADR2
ADR1
ADR0
GC
I2CCON
CR2
ENS1
STA
STO
SI
AA
CR1
CR0
I2CSTA
I2CSTA7
I2CSTA6
I2CSTA5
I2CSTA4
I2CSTA3
I2CSTA2
I2CSTA1
I2CSTA0
SMBSEL
SMBEXE
-
-
-
-
SMBSTP2
SMBSTP1
SMBSTP0
SMBDST
SMBD7
SMBD6
SMBD5
SMBD4
SMBD3
SMBD2
SMBD1
SMBD0
IEN0
EAL
-
ET2
ES0
ET1
EX1
ET0
EX0
IEN1
ET2RL
-
ET2C3
ET2C2
ET2C1
ET2C0
ESPI
EI2C
P1M
P17M
P16M
P15M
P14M
P13M
P12M
P11M
P10M
P1
P17
P16
P15
P14
P13
P12
P11
P10
I2CDAT Register (0xDA)
Bit
Field
Type
Initial
Description
7:0
I2CDAT[7:0]
R/W
0x00
The I2CDAT register contains a byte to be transmitted
through I2C bus or a byte which has just been received
through I2C bus. The CPU can read from and write to
this 8-bit, directly addressable SFR while it is not in the
process of byte shifting. The I2CDAT register is not
shadowed or double buffered so the user should only
read I2CDAT when an I2C interrupt occurs.
I2CADR Register (0xDB)
Bit
Field
Type
Initial
Description
7:1
I2CADR[6:0]
R/W
0x00
I2C slave address
0
GC
R/W
0
General call address (0X00) acknowledgment
0: ignored
1: recognized



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com