Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 153 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 153 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 149Page - SONiX Technology Company SN8F5708 Datasheet HTML 150Page - SONiX Technology Company SN8F5708 Datasheet HTML 151Page - SONiX Technology Company SN8F5708 Datasheet HTML 152Page - SONiX Technology Company SN8F5708 Datasheet HTML 153Page - SONiX Technology Company SN8F5708 Datasheet HTML 154Page - SONiX Technology Company SN8F5708 Datasheet HTML 155Page - SONiX Technology Company SN8F5708 Datasheet HTML 156Page - SONiX Technology Company SN8F5708 Datasheet HTML 157Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
I2C
Datasheet Rev. 2.4
153
22.2.3 Slave Transmitter Mode
The slave transmits information to the master. The serial data output via SDA while the serial clock
input on SCL. Data transmission starts via receive a START(S) signal from the master. After the
START signal, the specific address byte of slave device is received. The address byte includes 7-bit
address bit and an 8th data direction (R/W) bit. The R/W is set “1” to enable the slave transmission.
If the received address byte match the address in I2CADR register, the slave generate an
acknowledge (ACK). Otherwise, if general call address condition is set (GC=1), the slave also
generate an acknowledge (ACK) after general call address (0x00) is received. In the following, the
slave transmits one or more data byte to the master. After each data is transmitted, the slave waits
for the acknowledge (ACK) from the master. In the end, the slave receives a STOP (P) signal from
the master to terminate the data transmission.
S
Slave Address
R
A
DATA
A
A/N P
...
DATA
Transmit signal
Receive signal
S = Start status
P = Stop status
A = ACK
N = NACK
W = Write operation
R = Read operation
Interrupt
Interrupt
Interrupt
Interrupt
22.2.4 Slave Receiver Mode
The slave receives information from the master. Both the serial data and the serial clock are input
on SDA and SCL. Data reception starts via receive a START(S) signal from the master. After the
START signal, the specific address byte of slave device is received. The address byte includes 7-bit
address bit and an 8th data direction (R/W) bit. The R/W is set “0” to enable the slave reception. If
the received address byte match the address in I2CADR register, the slave generate an
acknowledge (ACK). Otherwise, if general call address condition is set (GC=1), the slave also
generate an acknowledge (ACK) after general call address (0x00) is received. In the following, the
slave receives one or more data byte from the master. After each data is receives, the slave
generates the acknowledge (ACK) or not acknowledge (NACK) to the master via the status of AA bit.
In the end, the slave receives a STOP (P) signal from the master to terminate the data transmission.
S
Slave Address
W
A
DATA
A
A/N P
...
DATA
Transmit signal
Receive signal
S = Start status
P = Stop status
A = ACK
N = NACK
W = Write operation
R = Read operation
Interrupt
Interrupt
Interrupt
Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com