Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 149 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 149 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 145Page - SONiX Technology Company SN8F5708 Datasheet HTML 146Page - SONiX Technology Company SN8F5708 Datasheet HTML 147Page - SONiX Technology Company SN8F5708 Datasheet HTML 148Page - SONiX Technology Company SN8F5708 Datasheet HTML 149Page - SONiX Technology Company SN8F5708 Datasheet HTML 150Page - SONiX Technology Company SN8F5708 Datasheet HTML 151Page - SONiX Technology Company SN8F5708 Datasheet HTML 152Page - SONiX Technology Company SN8F5708 Datasheet HTML 153Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
SPI
Datasheet Rev. 2.4
149
P1OC Register (0xE4)
Bit
Field
Type
Initial
Description
2
P13OC
R/W
0
0: Switch P1.3 (SCK) to input or output mode
1: Switch P1.3 (SCK) to open-drain mod
1
P12OC
R/W
0
0: Switch P1.2 (MISO) to input or output mode
1: Switch P1.2 (MISO) to open-drain mod
0
P11OC
R/W
0
0: Switch P1.1 (MOSI) to input or output mode
1: Switch P1.1 (MOSI) to open-drain mode
Else
Refer to other chapter(s)
P0M Register (0xF9)
Bit
Field
Type
Initial
Description
7
P07M
R/W
0
0: Set P0.7 (SSN) as input mode
*
1: Set P0.7 (SSN) as output mode
*
Else
Refer to other chapter(s)
*If slave mode with SSN function: essentially to set SSN as input mode.
P1M Register
Bit
Field
Type
Initial
Description
3
P13M
R/W
0
0: Set P1.3 (SCK) as input mode
slave mode
1: Set P1.3 (SCK) as output mode
master mode
2
P12M
R/W
0
0: Set P1.2 (MISO) as input mode
master mode
1: Set P1.2 (MISO) as output mode
slave mode
1
P11M
R/W
0
0: Set P1.1 (MOSI) as input mode
slave mode
1: Set P1.1 (MOSI) as output mode
master mode
Else
Refer to other chapter(s)
1Setting SCK as input mode is essential in slave mode; setting as output mode is recommended in master mode.
2Setting MISO as input mode is essential in master mode; setting as output mode is recommended in slave mode.
3Setting MOSI as input mode is essential is slave mode; setting as output mode is recommended in master mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com