Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 156 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 156 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 152Page - SONiX Technology Company SN8F5708 Datasheet HTML 153Page - SONiX Technology Company SN8F5708 Datasheet HTML 154Page - SONiX Technology Company SN8F5708 Datasheet HTML 155Page - SONiX Technology Company SN8F5708 Datasheet HTML 156Page - SONiX Technology Company SN8F5708 Datasheet HTML 157Page - SONiX Technology Company SN8F5708 Datasheet HTML 158Page - SONiX Technology Company SN8F5708 Datasheet HTML 159Page - SONiX Technology Company SN8F5708 Datasheet HTML 160Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
I2C
Datasheet Rev. 2.4
156
22.6
System Management Bus Extension
The optional System Management Bus (SMBus) protocol hardware supports 3 types timeout
detection: (1) Tmext Timeout Detection: The cumulative stretch clock cycles within one byte.
(2)Tsext Timeout Detection: The cumulative stretch clock cycles between start and stop condition.
(3)Timeout Detection: The clock low measurement.
Timeout detection is controlled by SMBSEL and SMBDST registers. The SMBEXE bit of SMBSEL is
SMBus extension function enable bit. When SMBEXE=1, SMBus extension function is enabled.
Otherwise, Disable SMBus extension function. Timeout type and period setting is controlled by
SMBTOP[2:0] and SMBDST. The period of SMBus timeout is controlled by three 16-bit buffers of
Tmex, Tsext and Tout. The equation is as following.
Tmext/Tsext/Tout =
Timeout Period(sec)xFcpu(Hz)
1024
Tmext is support by two 8-bit register of Tmext_L and Tmext_H . Tmext_L hold the low byte and
Tmext_H hold high byte. Tsext is support by two 8-bit register of Tsext_L and Tsext_H . Tsext_L hold
the low byte and Tsext_H hold high byte. Tout is support by two 8-bit register of Tout_L and
Tout_H . Tout_L hold the low byte and Tout_H hold high byte.
Type
Time out period
Fcpu=8MHz
DEC
HEX
Tmext
5ms
39
27
Tsext
25ms
195
C3
Tout
35ms
273
111
By the setting of SMBTOP[2:0] to choose register type (as the table below), and write to register by
write data to SMBDST register.
SMBTOP[2:0]
SMBDST
Description
000
Tmext_L
Select the low byte of Tmext register.
001
Tmext_H
Select the high byte of Tmext register.
010
Tsext_L
Select the low byte of Tsext register.
011
Tsext_H
Select the high byte of Tsext register.
100
Tout_L
Select the low byte of Tout register.
101
Tout_H
Select the high byte of Tout register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com