Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 158 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 158 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 154Page - SONiX Technology Company SN8F5708 Datasheet HTML 155Page - SONiX Technology Company SN8F5708 Datasheet HTML 156Page - SONiX Technology Company SN8F5708 Datasheet HTML 157Page - SONiX Technology Company SN8F5708 Datasheet HTML 158Page - SONiX Technology Company SN8F5708 Datasheet HTML 159Page - SONiX Technology Company SN8F5708 Datasheet HTML 160Page - SONiX Technology Company SN8F5708 Datasheet HTML 161Page - SONiX Technology Company SN8F5708 Datasheet HTML 162Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
I2C
Datasheet Rev. 2.4
158
I2CCON Register (0xDC)
Bit
Field
Type
Initial
Description
7,1,0 CR[2:0]
R/W
0
I2C clock rate
000: fcpu/256
001: fcpu/224
010: fcpu/192
011: fcpu/160
100: fcpu/960
101: fcpu/120
110: fcpu/60
111: Timer 1 overflow-period/8
6
ENS1
R/W
0
I2C functionality
0: Disable
1: Enable
5
STA
R/W
0
START flag
0: No START condition is transmitted.
1: A START condition is transmitted if the bus is free.
4
STO
R/W
0
STOP flag
0: No STOP condition is transmitted.
1: A STOP condition is transmitted to the I2C bus in
master mode.
3
SI
R/W
0
Serial interrupt flag
The SI is set by hardware when one of 25 out of 26
possible I2C states is entered. The only state that does
not set the SI is state F8h, which indicates that no
relevant state information is available. The SI flag must
be cleared by software. In order to clear the SI bit, ‘0’
must be written to this bit. Writing a ‘1’ to SI bit does
not change value of the SI.
2
AA
R/W
0
Assert acknowledge flag
0: A NACK will be returned when a byte has received
1: An ACK will be returned when a byte has received
I2CSTA Register (0xDD)
Bit
Field
Type
Initial
Description
7:3
I2CSTA[7:3]
R
11111
I2C Status Code
2..0
I2CSTA[2:0]
R
000
SMBus Status Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com