Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 161 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 161 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 157Page - SONiX Technology Company SN8F5708 Datasheet HTML 158Page - SONiX Technology Company SN8F5708 Datasheet HTML 159Page - SONiX Technology Company SN8F5708 Datasheet HTML 160Page - SONiX Technology Company SN8F5708 Datasheet HTML 161Page - SONiX Technology Company SN8F5708 Datasheet HTML 162Page - SONiX Technology Company SN8F5708 Datasheet HTML 163Page - SONiX Technology Company SN8F5708 Datasheet HTML 164Page - SONiX Technology Company SN8F5708 Datasheet HTML 165Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
I2C
Datasheet Rev. 2.4
161
SMBSEL Register (0xDE)
Bit
Field
Type
Initial
Description
7
SMBEXE
R/W
0
SMBus extension functionality
0: Disable
1: Enable
2..0
SMBSTP[2:0]
R/W
000
SMBus timeout register
SMBDST Register (0xDF)
Bit
Field
Type
Initial
Description
7..0
SMBD[7:0]
R/W
0x00
This register is used to provide a read/write access port
to the SMBus timeout registers. Data read or written to
that register is actually read or written to the Timeout
Register which is pointed by the SMBSEL register.
IEN0 Register (0xA8)
Bit
Field
Type
Initial
Description
7
EAL
R/W
0
Interrupts enable. Refer to Chapter Interrupt
Else
Refer to other chapter(s)
IEN1 Register (0xB8)
Bit
Field
Type
Initial
Description
0
EI2C
R/W
0
Interrupts enable. Refer to Chapter Interrupt
Else
Refer to other chapter(s)
P1M Register (0xFA)
Bit
Field
Type
Initial
Description
5
P15M
R/W
0
0: Set P1.5 (SDA) as input mode (required)
1: Set P1.5 (SDA) as output mode
*
4
P14M
R/W
0
0: Set P1.4 (SCL) as input mode (required)
1: Set P1.4 (SCL) as output mode
*
Else
Refer to other chapter(s)
* The P15M and P14M respectively require be set input mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com