Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 166 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 166 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 162Page - SONiX Technology Company SN8F5708 Datasheet HTML 163Page - SONiX Technology Company SN8F5708 Datasheet HTML 164Page - SONiX Technology Company SN8F5708 Datasheet HTML 165Page - SONiX Technology Company SN8F5708 Datasheet HTML 166Page - SONiX Technology Company SN8F5708 Datasheet HTML 167Page - SONiX Technology Company SN8F5708 Datasheet HTML 168Page - SONiX Technology Company SN8F5708 Datasheet HTML 169Page - SONiX Technology Company SN8F5708 Datasheet HTML 170Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
In-System Program
Datasheet Rev. 2.4
166
23.2
In-system Program Register
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PERAM
PERAM7
PERAM6
PERAM5
PERAM4
PERAM3
PERAM2
PERAM1
PERAM0
PEROMH
PEROM15 PEROM14 PEROM13 PEROM12 PEROM11 PEROM10
PEROM9
PEROM8
PEROML
PEROM7
PEROM6
PEROM5
-
PECMD11
PECMD10
PECMD9
PECMD8
PECMD
PECMD7
PECMD6
PECMD5
PECMD4
PECMD3
PECMD2
PECMD1
PECMD0
PERAM Register (0x97)
Bit
Field
Type
Initial
Description
7..0
PERAM[7:0]
R/W
0x00
The first address of data buffer (IRAM)
PEROMH Register (0x96)
Bit
Field
Type
Initial
Description
7..0
PEROM[15:8]
R/W
0x00
The first address (15
th– 8th bit) of program page (IROM)
PEROML Register (0x95)
Bit
Field
Type
Initial
Description
7..5
PEROM[7:5]
R/W
000
The first address (7
th – 5th) of program page (IROM)
4
Reserved
R
0
3..0
PECMD[11:8]
W
-
0xA: Enable in-system program
Else values: Disable in-system program
*
* Disabling in-system program can avoid mistakenly trigger ISP function.
PECMD Register (0x94)
Bit
Field
Type
Initial
Description
7..0
PECMD[7:0]
W
-
0x5A: Start page program procedure
*(1)
Else values: Reserved
*(2)
*(1) Before writing ‘0x5A’ into PECMD[7:0], PECMD[11:8] must be written ‘0xA’.
*(2) Not permitted to write any other to PECMD register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com