Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 139 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 139 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 135Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 136Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 137Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 138Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 139Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 140Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 141Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 142Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 143Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
139
6
Electrical Specifications
This section provides the electrical specifications for the 71M654x. Please refer to the 71M6xxx Data
Sheet for the 71M6x01 electrical specifications, pin-out, and package mechanical data.
The devices are 100% production tested at room temperature, and performance over the full temperature
range is guaranteed by design.
6.1
Absolute Maximum Ratings
Table 93 shows the absolute maximum ratings for the device. Stresses beyond Absolute Maximum Ratings
may cause permanent damage to the device. These are stress ratings only and functional operation at
these or any other conditions beyond those indicated under recommended operating conditions (see 6.3
Recommended Operating Conditions) is not implied. Exposure to absolute-maximum-rated conditions
for extended periods may affect device reliability. All voltages are with respect to GNDA.
Table 93: Absolute Maximum Ratings
Voltage and Current
Supplies and Ground Pins
V3P3SYS, V3P3A
−0.5 V to 4.6 V
VBAT, VBAT_RTC
-0.5 V to 4.6 V
GNDD
-0.1 V to +0.1 V
Analog Output Pins
VREF
-10 mA to +10 mA,
-0.5 V to V3P3A+0.5 V
VDD
-10 mA to 10 mA,
-0.5 to 3.0 V
V3P3D
-10 mA to 10 mA,
-0.5 V to 4.6 V
VLCD
-10 mA to 10 mA,
-0.5 V to 6 V
Analog Input Pins
IAP-IAN, VA, IBP-IBN, VB
†
(
† 71M6542F/G
only)
-10 mA to +10 mA
-0.5 V to V3P3A+0.5 V
XIN, XOUT
-10 mA to +10 mA
-0.5 V to 3.0 V
SEG and SEGDIO Pins
Configured as SEG or COM drivers
-1 mA to 1 mA,
-0.5 V to VLCD+0.5 V
Configured as Digital Inputs
-10 mA to 10 mA,
-0.5 V to 6 V
Configured as Digital Outputs
-10 mA to 10 mA,
-0.5 V to V3P3D+0.5 V
Digital Pins
Inputs (PB, RESET, RX, ICE_E, TEST)
-10 mA to 10 mA,
-0.5 to 6 V
Outputs (TX)
-10 mA to 10 mA,
-0.5 V to V3P3D+0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com