Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 140 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 140 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 136Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 137Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 138Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 139Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 140Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 141Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 142Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 143Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 144Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
140
Rev 5
Temperature and ESD Stress
Operating junction temperature (peak, 100ms)
140 °C
Operating junction temperature (continuous)
125 °C
Storage temperature
−45 °C to +165 °C
Solder temperature – 10 second duration
+250 °C
ESD stress on all pins
±4 kV
6.2
Recommended External Components
Table 94: Recommended External Components
Name
From
To
Function
Value
Unit
C1
V3P3A
GNDA
Bypass capacitor for 3.3 V supply
≥0.1 ±20%
µF
C2
V3P3D
GNDD
Bypass capacitor for 3.3 V output
0.1
±20%
µF
CSYS
V3P3SYS
GNDD
Bypass capacitor for V3P3SYS
≥1.0 ±30%
µF
CVDD
VDD
GNDD
Bypass capacitor for VDD
0.1
±20%
µF
CVLCD
VLCD
GNDD
Bypass capacitor for VLCD pin (when
charge pump is used)
≥0.1 ±20%
µF
XTAL
XIN
XOUT
32.768 kHz crystal – electrically similar to
ECS .327-12.5-17X, Vishay XT26T or
Suntsu SCP6–32.768kHz TR (load
capacitance 12.5 pF).
32.768
kHz
CXS
XIN
GNDA
Load capacitor values for crystal depend on
crystal specifications and board parasitics.
Nominal values are based on 4 pF board
capacitance and include an allowance for
chip capacitance.
15
±10%
pF
CXL
XOUT
GNDA
10
±10%
pF
6.3
Recommended Operating Conditions
Unless otherwise specified, all parameters listed in 6.4 Performance Specifications and 6.5 Timing
Specifications are valid over the Recommended Operating Conditions provided in Table 95 below.
Table 95: Recommended Operating Conditions
Parameter
Condition
Min
Typ
Max
Unit
V3P3SYS and V3P3A Supply Voltage for
precision metering operation (MSN mode).
Voltages at VBAT and VBAT_RTC need
not be present.
VBAT=0 V to 3.8 V
VBAT_RTC =0 V to
3.8 V
3.0
3.6
V
VBAT Voltage (BRN mode). V3P3SYS is
below the 2.8 V comparator threshold.
Either V3P3SYS or VBAT_RTC must be
high enough to power the RTC module.
V3P3SYS < 2.8 V
and
Max (VBAT_RTC,
V3P3SYS) > 2.0 V
2.5
3.8
V
VBAT_RTC Voltage. VBAT_RTC is not
needed to support the RTC and non-
volatile memory unless V3P3SYS < 2.0 V
V3P3SYS<2.0 V
2.0
3.8
V
Operating Temperature
-40
+85
ºC
Notes:
1.
GNDA and GNDD must be connected together.
2.
V3P3SYS and V3P3A must be connected together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com