Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 143 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 143 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 139Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 140Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 141Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 142Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 143Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 144Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 145Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 146Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 147Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
143
6.4.5
Supply Current
The supply currents provided in Table 100 below include only the current consumed by the 71M654x.
Refer to the 71M6xxx Data Sheet for additional current required when using a 71M6x01 remote sensor.
Table 100: Supply Current Performance Specifications
Parameter
Condition
Min
Typ
Max
Unit
I1:
V3P3A + V3P3SYS current,
Half-Speed (ADC_DIV=1)
(see note 1)
Single-phase: 2 Currents, 1 Voltage
V3P3A = V3P3SYS = 3.3 V,
MPU_DIV [2:0]= 3 (614 kHz MPU clock),
No Flash memory write,
RTM_E=0, PRE_E=0, CE_E=1, ADC_E=1,
ADC_DIV=1, MUX_DIV[3:0]=3,
FIR_LEN[1:0]=1, PLL_FAST=1
5.5
6.7
mA
I1a:
V3P3A + V3P3SYS current,
Half-Speed (ADC_DIV=1)
(see note 1)
Same as I1, except PLL_FAST=0
2.6
3.5
mA
I1b:
V3P3A + V3P3SYS current,
Half-Speed (ADC_DIV=1)
(see note 1)
Same as I1, except PRE_E = 1
5.7
6.9
mA
I1c:
V3P3A + V3P3SYS current,
Half-Speed (ADC_DIV=1)
(see note 1)
Same as I1, except PLL_FAST = 0 and
PRE_E = 1
2.6
3.6
mA
I2:
V3P3A + V3P3SYS dynamic
current
Same as I1, except with variation of
MPU_DIV[2:0].
4.3
I
-
I
3
MPU_DIV
0
MPU_DIV
=
=
0.4
0.6
mA/
MHz
VBAT current
I3: MSN Mode
I4: BRN Mode
I5: LCD Mode (ext. VLCD)
I6: LCD Mode (boost, DAC)
Note 1
I7: LCD Mode (DAC)
Note 1
I8: LCD Mode (VBAT)
Note 1
I9: SLP Mode
CE_E=0
LCD_VMODE[1:0]=3, also see note 2
LCD_VMODE[1:0]=2, also see note 3
LCD_VMODE[1:0]=1, also see note 3
LCD_VMODE[1:0]=0, also see note 3
SLP Mode
-300
-300
0
2.4
0.4
24
3.0
1.1
0
300
3.2
108
36
11
3.4
+300
nA
mA
nA
µA
µA
µA
nA
VBAT_RTC current
I10: MSN
I11: BRN
I12: LCD Mode
I13: SLP Mode
I14: SLP Mode (see note 1)
LCD_VMODE[1:0]=2, also see note 2
TA
≤ 25 °C
TA = 85 °C
-300
0
240
1.8
0.7
1.5
300
320
4.1
1.7
3.2
nA
nA
µA
µA
µA
I15:
V3P3A + V3P3SYS current,
Write Flash with ICE
Same as I1, except write Flash at maximum rate,
CE_E=0, ADC_E=0.
7.1
8.7
mA
Notes:
1.
Guaranteed by design; not production tested.
2.
LCD_DAC[4:0]=5 (2.9V), LCD_CLK[1:0]=2, LCD_MODE[2:0]=6, all LCD_MAPn bits = 1, LCD_BLANK=0,
LCD_ON=1.
3.
LCD_DAC[4:0]=5 (2.9V), LCD_CLK[1:0]=2, LCD_MODE[2:0]=6, all LCD_MAPn bits = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com