Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 147 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 147 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 143Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 144Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 145Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 146Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 147Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 148Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 149Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 150Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 151Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
147
6.4.13 VLCD Generator
Table 108: LCD Driver Performance Specifications
1
Parameter
Condition
Min
Typ
Max
Unit
VSYS to VLCD switch impedance
V3P3 = 3.3 V,
RVLCD=removed, LCD_BAT=0,
LCD_VMODE[1:0]=0,
∆ILCD=10 µA
750
Ω
VBAT to VLCD switch impedance
V3P3 = 0 V, VBAT = 2.5 V,
RVLCD =removed, LCD_BAT =1,
LCD_VMODE[1:0]=0,
∆ILCD=10 µA
700
Ω
LCD Boost Frequency
LCD_VMODE[1:0] = 2,
RVLCD = removed,
CVLCD = removed
PLL_FAST=1
PLL_FAST=0
820
786
kHz
kHz
VLCD IOH current
(VLCD(0)-VLCD(IOH)<0.25)
LCD_VMODE[1:0] = 2,
LCD_CLK[1:0] = 2,
RVLCD = removed,
V3P3 = 3.3V,
LCD_DAC[4:0] = 1F
10
µA
From LCDADJ0 and LCDADJ12 fuses:
������������������������(������������_������������)=5���������������������������������0+������������������������12−������������������������0
12 ������������_�������������
����������������������������(������������_������������)=2.65+2.65������������_������������31+������������������������(�������������_������������)
The above equations describe the nominal value of VLCD for a specific LCD_DAC value. The
specifications below list the maximum deviation between actual VLCD and VLCDnom. Note that when
VCC and boost are insufficient, the LCD DAC will not reach its target value and a large negative error
will occur.
LCD_DAC Error. VLCD-VLCDnom
(see note 2)
Full Scale, with Boost
V3P3 =3.6 V
V3P3 =3.0 V
VBAT=4.0 V, V3P3=0, BRN Mode
VBAT=2.5 V, V3P3=0, BRN Mode
LCD_VMODE[1:0] = 2,
LCD_DAC[4:0] = 1F,
LCD_CLK[1:0]=2,
LCD_MODE[2:0]=6
-0.15
-0.4
-0.15
-1.3
0.15
0.15
0.15
V
V
V
V
LCD_DAC Error. VLCD-VLCDnom
DAC=12, with Boost
V3P3 = 3.6 V
V3P3 = 3.0 V
VBAT = 2.5 V, V3P3 = 0 V, BRN Mode
LCD_VMODE[1:0] = 2,
LCD_DAC[4:0] = C,
LCD_CLK[1:0]=2,
LCD_MODE[2:0]=6
-0.15
-0.15
-0.15
0.15
0.15
0.15
V
V
V
LCD_DAC Error. VLCD-VLCDnom
Zero Scale, with Boost
V3P3 = 3.6 V
V3P3 = 3.0 V
VBAT = 4.0 V, V3P3 = 0 V, BRN Mode
(see note 2)
VBAT = 2.5 V, V3P3 = 0 V, BRN Mode
LCD_VMODE[1:0] = 2,
LCD_DAC[4:0] =0,
LCD_CLK[1:0]=2,
LCD_MODE[2:0]=6
-0.15
-0.15
-0.15
-0.15
0.15
0.15
0.15
0.15
V
V
V
V
LCD_DAC Error. VLCD-VLCDnom
Full Scale, no Boost
V3P3 = 3.6 V (see note 2)
V3P3 = 3.0 V (see note 2)
VBAT = 4.0 V, V3P3 = 0 V, BRN Mode
VBAT = 2.5 V, V3P3 = 0 V, BRN Mode
LCD_VMODE[1:0] = 1,
LCD_DAC[4:0] = 1F,
LCD_CLK[1:0]=2,
LCD_MODE[2:0]=6
-2.1
-2.8
-1.8
-3.2
V
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com