Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 151 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 151 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 147Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 148Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 149Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 150Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 151Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 152Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 153Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 154Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 155Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
151
Notes:
1.
Guaranteed by design; not production tested.
2.
Unless stated otherwise, the following test conditions apply to all the parameters provided in
this table: FIR_LEN[1:0]=1, VREF_DIS=0, PLL_FAST=1, ADC_DIV=0, MUX_DIV=6, LSB values
do not include the 9-bit left shift at CE input.
6.4.16 Pre-Amplifier for IAP-IAN
Table 111: Pre-Amplifier Performance Specifications
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Differential Gain
Vin=30mV differential
Vin=15mV differential (see note 1)
TA= +25⁰C,
V3P3=3.3 V,
PRE_E=1,
FIR_LEN=2,
DIFF0_E=1,
2520Hz sample rate
7.8
7.8
7.92
7.92
8.0
8.0
V/V
V/V
Gain Variation vs V3P3
Vin=30mV differential (see note 1)
V3P3 =
2.97 V, 3.63 V
-100
100
ppm/%
Gain Variation vs Temp
Vin=30mV differential (see note 1)
TA = -40⁰C, 85⁰C
10
-25
-80
ppm/C
Phase Shift,
Vin=30mV differential (see note 1)
TA=25⁰C,
V3P3=3.3 V
-6
6
mº
Preamp input current
IADC0
IADC1
PRE_E=1,
FIR_LEN=2,
DIFF0_E=1
2520Hz sample rate,
IADC0=IADC1=V3P3
4
4
9
9
16
16
uA
uA
Preamp+ADC THD
Vin=30mV differential
Vin=15mV differential
TA=25⁰C,
V3P3=3.3 V,
PRE_E=1,
FIR_LEN=2,
DIFF0_E=1,
2520Hz sample rate.
-82
-86
dB
dB
Preamp Offset
IADC0=IADC1=V3P3+30mV
IADC0=IADC1= V3P3+15mV
IADC0=IADC1= V3P3
IADC0=IADC1= V3P3-15mV
IADC0=IADC1= V3P3-30mV
TA=25⁰C,
V3P3=3.3 V,
PRE_E=1,
FIR_LEN=2,
DIFF0_E=1,
2520Hz sample rate
-0.63
-0.57
-0.56
-0.56
-0.55
mV
mV
mV
mV
mV
Notes:
1.
Guaranteed by design; not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com